Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 783 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 783 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 779Page - Renesas Technology Corp SH7616 Datasheet HTML 780Page - Renesas Technology Corp SH7616 Datasheet HTML 781Page - Renesas Technology Corp SH7616 Datasheet HTML 782Page - Renesas Technology Corp SH7616 Datasheet HTML 783Page - Renesas Technology Corp SH7616 Datasheet HTML 784Page - Renesas Technology Corp SH7616 Datasheet HTML 785Page - Renesas Technology Corp SH7616 Datasheet HTML 786Page - Renesas Technology Corp SH7616 Datasheet HTML 787Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 783 / 935 page
background image
Section 18 User Debug Interface (H-UDI)
Rev. 2.00 Mar 09, 2006 page 757 of 906
REJ09B0292-0200
18.3.2
Status Register (SDSR)
Bit:
15
14
13
12
11
10
9
8
————————
Initial value:
00000111
R/W:
RRRRRRRR
Bit:
76543210
———————
SDTRF
Initial value:
00000001
R/W:
RRRRRRR
R/W
The status register (SDSR) is a 16-bit register that can be read and written to by the CPU. Output
from TDO is possible for SDSR, but serial data cannot be written to SDSR via TDI. The SDTRF
bit is output by means of a 1-bit shift. In the case of a 2-bit shift, the SDTRF bit is first output,
followed by a reserved bit.
SDSR is initialized by
TRST signal input, but is not initialized by a reset or in standby mode.
Bits 15 to 1—Reserved: Bits 15 to 11 and 7 to 1 are always read as 0, and the write value should
always be 0. Bits 10 to 8 are always read as 1, and the write value should always be 1.
Bit 0—Serial Data Transfer Control Flag (SDTRF): Indicates whether H-UDI registers can be
accessed by the CPU. The SDTRF bit is reset by the
TRST signal , but is not initialized by a reset
or in standby mode.
Bit 0: SDTRF
Description
0
Serial transfer to SDDR has ended, and SDDR can be accessed
1
Serial transfer to SDDR in progress
(Initial value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com