Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 779 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 779 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 775Page - Renesas Technology Corp SH7616 Datasheet HTML 776Page - Renesas Technology Corp SH7616 Datasheet HTML 777Page - Renesas Technology Corp SH7616 Datasheet HTML 778Page - Renesas Technology Corp SH7616 Datasheet HTML 779Page - Renesas Technology Corp SH7616 Datasheet HTML 780Page - Renesas Technology Corp SH7616 Datasheet HTML 781Page - Renesas Technology Corp SH7616 Datasheet HTML 782Page - Renesas Technology Corp SH7616 Datasheet HTML 783Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 779 / 935 page
background image
Section 18 User Debug Interface (H-UDI)
Rev. 2.00 Mar 09, 2006 page 753 of 906
REJ09B0292-0200
18.1.3
Pin Configuration
Table 18.1 shows the H-UDI pin configuration.
Table 18.1 Pin Configuration
Pin Name
Abbreviation
I/O
Function
Test clock
TCK
Input
Test clock input
Test mode select
TMS
Input
Test mode select input signal
Test data input
TDI
Input
Serial data input
Test data output
TDO
Output
Serial data output
Test reset
TRST
Input
Test reset input signal
18.1.4
Register Configuration
Table 18.2 shows the H-UDI registers.
Table 18.2 Register Configuration
Register
Abbreviation
R/W*
1
Initial Value*
2
Address
Access Size
(Bits)
Instruction register
SDIR
R
H'E000
H'FFFFFCB0
8/16/32
Status register
SDSR
R/W
H'0701
H'FFFFFCB2
8/16/32
Data register H
SDDRH
R/W
Undefined
H'FFFFFCB4
8/16/32
Data register L
SDDRL
R/W
Undefined
H'FFFFFCB6
8/16/32
Bypass register
SDBPR
—
—
—
—
Boundary scan
register
SDBSR
—
—
—
—
ID code register
SDIDR
—
H'0005200F
—
—
Notes: 1. Indicates whether the register can be read/written to by the CPU.
2. Initial value when the
TRST signal is input. Registers are not initialized by a reset
(power-on or manual) or in standby mode.
Instructions and data can be input to the instruction register (SDIR) and data register (SDDR) by
serial transfer from the test data input pin (TDI). Data from SDIR, the status register (SDSR), and
SDDR can be output via the test data output pin (TDO). The bypass register (SDBPR) is a 1-bit
register to which TDI and TDO are connected in bypass mode. The boundary scan register
(SDBSR) is a 330-bit register, and is connected to TDI and TDO in the SAMPLE/PRELOAD or
EXTEST mode. The ID code register (SDIDR) is a 32-bit register; a fixed code can be output via



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com