| Electronic Components Datasheet Search |
|
SH7616 Datasheet(PDF) 784 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7616 Datasheet(HTML) 784 Page - Renesas Technology Corp |
|
784 / 935 page ![]() Section 18 User Debug Interface (H-UDI) Rev. 2.00 Mar 09, 2006 page 758 of 906 REJ09B0292-0200 18.3.3 Data Register (SDDR) The data register (SDDR) comprises data register H (SDDRH) and data register L (SDDRL), each of which has the following configuration. Bit: 15 14 13 12 11 10 9 8 Initial value: ———————— R/W: R/W R/W R/W R/W R/W R/W R/W R/W Bit: 76543210 Initial value: ———————— R/W: R/W R/W R/W R/W R/W R/W R/W R/W SDDRH and SDDRL are 16-bit registers that can be read and written to by the CPU. SDDR is connected to TDO and TDI for serial data transfer to and from an external device. 32-bit data is input and output in serial data transfer. If data exceeding 32 bits is input, only the last 32 bits will be stored in SDDR. Serial data is input starting from the MSB of SDDR (bit 15 of SDDRH), and output starting from the LSB (bit 0 of SDDRL). This register is not initialized by a reset, in standby mode, or by the TRST signal. 18.3.4 Bypass Register (SDBPR) The bypass register (SDBPR) is a one-bit shift register. In bypass mode, SDBPR is connected to TDI and TDO, and the chip is excluded from the board test when a boundary scan test is conducted. SDBPR cannot be read or written to by the CPU. 18.3.5 Boundary scan register (SDBSR) The boundary scan register (SDBSR), a shift register that controls the I/O terminals of this LSI, is provided on the PAD. Using the EXTEST mode or the SAMPLE/PRELOAD mode, a boundary scan test conforming to the IEEE1149.1 standard can be performed. For SDBSR, read/write by the CPU cannot be performed. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |