Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 808 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 808 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 804Page - Renesas Technology Corp SH7616 Datasheet HTML 805Page - Renesas Technology Corp SH7616 Datasheet HTML 806Page - Renesas Technology Corp SH7616 Datasheet HTML 807Page - Renesas Technology Corp SH7616 Datasheet HTML 808Page - Renesas Technology Corp SH7616 Datasheet HTML 809Page - Renesas Technology Corp SH7616 Datasheet HTML 810Page - Renesas Technology Corp SH7616 Datasheet HTML 811Page - Renesas Technology Corp SH7616 Datasheet HTML 812Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 808 / 935 page
background image
Section 19 Pin Function Controller (PFC)
Rev. 2.00 Mar 09, 2006 page 782 of 906
REJ09B0292-0200
Table 19.1 Multiplex Pins
Function 1 [00]*
Function 2 [01]*
Function 3 [10]*
Function 4 [11]*
Port
Signal
Name
I/O
Related
Module
Signal
Name
I/O
Related
Module
Signal
Name
I/O
Related
Module
Signal
Name
I/O
Related
Module
A
PA13
I/O
Port
SRCK0
I
SIO0
—
—
—
—
—
—
A
PA12
I/O
Port
SRS0
I
SIO0
—
—
—
—
—
—
A
PA11
I/O
Port
SRXD0
I
SIO0
—
—
—
—
—
—
A
PA10
I/O
Port
STCK0
I
SIO0
—
—
—
—
—
—
A
PA9
I/O
Port
STS0
I/O
SIO0
—
—
—
—
—
—
APA8
I/O
Port
STXD0
O
SIO0
—
—
—
—
—
—
A
WDTOVF O
WDT
PA7
I/O
Port
—
—
—
—
—
—
A
PA6
I/O
Port
FTCI
I
FRT
—
—
—
—
—
—
A
PA5
I/O
Port
FTI
I
FRT
—
—
—
—
—
—
A
PA4
I/O
Port
FTOA
O
FRT
—
—
—
—
—
—
A
CKPO
O
Port
FTOB
O
FRT
—
—
—
—
—
—
A
PA2
I/O
Port
LNKSTA I
EtherC —
—
—
—
—
—
A
PA1
I/O
Port
EXOUT
O
EtherC —
—
—
—
—
—
A
PA0
I/O
Port
CAMSEN I
EtherC —
—
—
—
—
—
B
PB15
I/O
Port
—
—
—
SCK1
I/O
SCIF1
—
—
—
B
PB14
I/O
Port
—
—
—
RXD1
I
SCIF1
—
—
—
B
PB13
I/O
Port
—
—
—
TXD1
O
SCIF1
—
—
—
B
PB12
I/O
Port
SRCK2
I
SIO2
RTS
O
SCIF1
STATS1
O
BSC
B
PB11
I/O
Port
SRS2
I
SIO2
CTS
I
SCIF1
STATS0
O
BSC
B
PB10
I/O
Port
SRXD2
I
SIO2
TIOCA1
I/O
TPU1
—
—
—
B
PB9
I/O
Port
STCK2
I
SIO2
TIOCB1
I/O
TPU1
—
—
—
B
PB8
I/O
Port
STS2
I/O
SIO2
TIOCA2
I/O
TPU2
—
—
—
B
PB7
I/O
Port
STXD2
O
SIO2
TIOCB2
I/O
TPU2
—
—
—
B
PB6
I/O
Port
SRCK1
I
SIO1
SCK2
I/O
SCIF2
—
—
—
B
PB5
I/O
Port
SRS1
I
SIO1
RXD2
I
SCIF2
—
—
—
B
PB4
I/O
Port
SRXD1
I
SIO1
TXD2
O
SCIF2
—
—
—
B
PB3
I/O
Port
STCK1
I
SIO1
TIOCA0
I/O
TPU2
—
—
—
B
PB2
I/O
Port
STS1
I/O
SIO1
TIOCB0
I/O
TPU2
—
—
—
B
PB1
I/O
Port
STXD1
O
SIO1
TIOCC0
I/O
TPU2
—
—
—
B
PB0
I/O
Port
—
—
—
TIOCD0
I/O
TPU2
WOL
O
EtherC
Notes: In the initial state, function 1 is selected.
* The initial value is "input."
The figures in brackets indicate the settings of the mode bits (MD1, MD0) in the PFC to
select multiplexed functions in port A[0:13] and port B[0:15].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com