Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 810 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 810 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 806Page - Renesas Technology Corp SH7616 Datasheet HTML 807Page - Renesas Technology Corp SH7616 Datasheet HTML 808Page - Renesas Technology Corp SH7616 Datasheet HTML 809Page - Renesas Technology Corp SH7616 Datasheet HTML 810Page - Renesas Technology Corp SH7616 Datasheet HTML 811Page - Renesas Technology Corp SH7616 Datasheet HTML 812Page - Renesas Technology Corp SH7616 Datasheet HTML 813Page - Renesas Technology Corp SH7616 Datasheet HTML 814Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 810 / 935 page
background image
Section 19 Pin Function Controller (PFC)
Rev. 2.00 Mar 09, 2006 page 784 of 906
REJ09B0292-0200
Bit 13—PA13 Mode Bit (PA13MD): Selects the function of pin PA13/SRCK0.
Bit 13: PA13MD
Description
0
General input/output (PA13)
(Initial value)
1
SIOF serial receive clock input (SRCK0)
Bit 12—PA12 Mode Bit (PA12MD): Selects the function of pin PA12/SRS0.
Bit 12: PA12MD
Description
0
General input/output (PA12)
(Initial value)
1
SIOF serial receive synchronous input (SRS0)
Bit 11—PA11 Mode Bit (PA11MD): Selects the function of pin PA11/SRXD0.
Bit 11: PA11MD
Description
0
General input/output (PA11)
(Initial value)
1
SIOF serial receive data (SRXD0)
Bit 10—PA10 Mode Bit (PA10MD): Selects the function of pin PA10/STCK0.
Bit 10: PA10MD
Description
0
General input/output (PA10)
(Initial value)
1
SIOF serial transmit clock (STCK0)
Bit 9—PA9 Mode Bit (PA9MD): Selects the function of pin PA9/STS0.
Bit 9: PA9MD
Description
0
General input/output (PA9)
(Initial value)
1
SIOF serial transmit synchronous input/output (STS0)
Bit 8—PA8 Mode Bit (PA8MD): Selects the function of pin PA8/STXD0.
Bit 8: PA8MD
Description
0
General input/output (PA8)
(Initial value)
1
SIOF serial transmit data output (STXD0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com