Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 814 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 814 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 810Page - Renesas Technology Corp SH7616 Datasheet HTML 811Page - Renesas Technology Corp SH7616 Datasheet HTML 812Page - Renesas Technology Corp SH7616 Datasheet HTML 813Page - Renesas Technology Corp SH7616 Datasheet HTML 814Page - Renesas Technology Corp SH7616 Datasheet HTML 815Page - Renesas Technology Corp SH7616 Datasheet HTML 816Page - Renesas Technology Corp SH7616 Datasheet HTML 817Page - Renesas Technology Corp SH7616 Datasheet HTML 818Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 814 / 935 page
background image
Section 19 Pin Function Controller (PFC)
Rev. 2.00 Mar 09, 2006 page 788 of 906
REJ09B0292-0200
Bits 13 and 12—PB14 Mode Bits 1 and 0 (PB14MD1, PB14MD0): These bits select the function
of pin PB14/RXD1.
Bit 13: PB14MD1
Bit 12: PB14MD0
Description
0
0
General input/output (PB14)
(Initial value)
1
Reserved
1
0
SCIF1 serial data input (RXD1)
1
Reserved
Bits 11 and 10—PB13 Mode Bits 1 and 0 (PB13MD1, PB13MD0): These bits select the function
of pin PB13/TXD1.
Bit 11: PB13MD1
Bit 10: PB13MD0
Description
0
0
General input/output (PB13)
(Initial value)
1
Reserved
1
0
SCIF1 serial data output (TXD1)
1
Reserved
Bits 9 and 8—PB12 Mode Bits 1 and 0 (PB12MD1, PB12MD0): These bits select the function of
pin PB12/SRCK2/
RTS/STATS1.
Bit 9: PB12MD1
Bit 8: PB12MD0
Description
0
0
General input/output (PB12)
(Initial value)
1
SIO2 serial receive clock input (SRCK2)
1
0
SCIF1 transmit request (
RTS)
1
BSC status 1 output (STATS1)
Bits 7 and 6—PB11 Mode Bits 1 and 0 (PB11MD1, PB11MD0): These bits select the function of
pin PB11/SRS2/
CTS/STATS0.
Bit 7: PB11MD1
Bit 6: PB11MD0
Description
0
0
General input/output (PB11)
(Initial value)
1
SIO2 serial receive synchronous input (SRS2)
1
0
SCIF1 transmit permission (
CTS)
1
BSC status 0 output (STATS0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com