Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 817 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 817 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 813Page - Renesas Technology Corp SH7616 Datasheet HTML 814Page - Renesas Technology Corp SH7616 Datasheet HTML 815Page - Renesas Technology Corp SH7616 Datasheet HTML 816Page - Renesas Technology Corp SH7616 Datasheet HTML 817Page - Renesas Technology Corp SH7616 Datasheet HTML 818Page - Renesas Technology Corp SH7616 Datasheet HTML 819Page - Renesas Technology Corp SH7616 Datasheet HTML 820Page - Renesas Technology Corp SH7616 Datasheet HTML 821Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 817 / 935 page
background image
Section 19 Pin Function Controller (PFC)
Rev. 2.00 Mar 09, 2006 page 791 of 906
REJ09B0292-0200
Bits 11 and 10—PB5 Mode Bits 1 and 0 (PB5MD1, PB5MD0): These bits select the function of
pin PB5/SRS1/RXD2.
Bit 11: PB5MD1
Bit 10: PB5MD0
Description
0
0
General input/output (PB5)
(Initial value)
1
SIO1 serial receive synchronous input (SRS1)
1
0
SCIF2 serial data input (RXD2)
1
Reserved
Bits 9 and 8—PB4 Mode Bits 1 and 0 (PB4MD1, PB4MD0): These bits select the function of pin
PB4/SRXD1/TXD2.
Bit 9: PB4MD1
Bit 8: PB4MD0
Description
0
0
General input/output (PB4)
(Initial value)
1
SIO1 serial receive data input (SRXD1)
1
0
SCIF2 serial data output (TXD2)
1
Reserved
Bits 7 and 6—PB3 Mode Bits 1 and 0 (PB3MD1, PB3MD0): These bits select the function of pin
PB3/STCK1/TIOCA0.
Bit 7: PB3MD1
Bit 6: PB3MD0
Description
0
0
General input/output (PB3)
(Initial value)
1
SIO1 serial transmit clock input (STCK1)
1
0
TPU0 input capture input/output compare output
(TIOCA0)
1
Reserved
Bits 5 and 4—PB2 Mode Bits 1 and 0 (PB2MD1, PB2MD0): These bits select the function of pin
PB2/STS1/TIOCB0.
Bit 5: PB2MD1
Bit 4: PB2MD0
Description
0
0
General input/output (PB2)
(Initial value)
1
SIO1 serial transmit synchronous input/output (STS1)
1
0
TPU0 input capture input/output compare output
(TIOCB0)
1
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com