Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 821 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 821 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 817Page - Renesas Technology Corp SH7616 Datasheet HTML 818Page - Renesas Technology Corp SH7616 Datasheet HTML 819Page - Renesas Technology Corp SH7616 Datasheet HTML 820Page - Renesas Technology Corp SH7616 Datasheet HTML 821Page - Renesas Technology Corp SH7616 Datasheet HTML 822Page - Renesas Technology Corp SH7616 Datasheet HTML 823Page - Renesas Technology Corp SH7616 Datasheet HTML 824Page - Renesas Technology Corp SH7616 Datasheet HTML 825Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 821 / 935 page
background image
Section 20 I/O Ports
Rev. 2.00 Mar 09, 2006 page 795 of 906
REJ09B0292-0200
Section 20 I/O Ports
20.1
Overview
This chip has two ports, designated A and B. Port A is a 14-bit input/output port, and port B is a
16-bit input/output port. The port pins are multiplexed as general input/output and other functions.
(The function of multiplexed multiplex pins is selected by means of the pin function controller
(PFC).) Ports A and B are each provided with a data register for storing pin data.
20.2
Port A
Port A is an input/output port with the 14 pins shown in figure 20.1. Of the 14 pins, the CKPO pin
has no port data register bit, and is multiplexed as an internal clock pin.
PA13 (input/output) / SRCK0
(input)
PA12 (input/output) / SRS0
(input)
PA11 (input/output) / SRXD0
(input)
PA10 (input/output) / STCK0
(input)
PA9
(input/output) / STS0
(input/output)
PA8
(input/output) / STXD0
(output)
WDTOVF* (output) / PA7
(input/output)
PA6
(input/output) / FTCI
(input)
PA5
(input/output) / FTI
(input)
PA4
(input/output) / FTOA
(output)
CKPO (output)
/ FTOB
(output)
PA2
(input/output) / LNKSTA (input)
PA1
(input/output) / EXOUT
(output)
PA0
(input/output)
Port A
Note: * The fact that the
WDTOVF pin is set to output mode after a reset
must be noted when it is to be used as a general I/O port (PA7).
Figure 20.1 Port A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com