Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 823 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 823 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 819Page - Renesas Technology Corp SH7616 Datasheet HTML 820Page - Renesas Technology Corp SH7616 Datasheet HTML 821Page - Renesas Technology Corp SH7616 Datasheet HTML 822Page - Renesas Technology Corp SH7616 Datasheet HTML 823Page - Renesas Technology Corp SH7616 Datasheet HTML 824Page - Renesas Technology Corp SH7616 Datasheet HTML 825Page - Renesas Technology Corp SH7616 Datasheet HTML 826Page - Renesas Technology Corp SH7616 Datasheet HTML 827Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 823 / 935 page
background image
Section 20 I/O Ports
Rev. 2.00 Mar 09, 2006 page 797 of 906
REJ09B0292-0200
Table 20.2 Port A Data Register (PADR) Read/Write Operations
PAIOR
Pin Function
Read
Write
0
General input
Pin state
Value is written to PADR, but does not
affect pin state
Other than general input
Pin state
Value is written to PADR, but does not
affect pin state
1
General output
PADR value
Write value is output from pin
Other than general output
PADR value
Value is written to PADR, but does not
affect pin state
20.3
Port B
Port B is an input/output port with the 16 pins shown in figure 20.2.
PB15 (input/output)
PB14 (input/output)
PB13 (input/output)
PB12 (input/output)
PB11 (input/output)
PB10 (input/output)
PB9 (input/output)
PB8 (input/output)
PB7 (input/output)
PB6 (input/output)
PB5 (input/output)
PB4 (input/output)
PB3 (input/output)
PB2 (input/output)
PB1 (input/output)
PB0 (input/output)
/ Reserved
/ SCK1
(input/output)
/ Reserved
/ RXD1
(input)
/ Reserved
/ TXD1
(output)
/ SRCK2 (input)
/ RTS
(output)
/ STATS1 (output)
/ SRS2
(input)
/ CTS
(input)
/ STATS0 (output)
/ SRXD2 (input)
/ TIOCA1 (input/output)
/ STCK2 (input)
/ TIOCB1 (input/output)
/ STS2
(input/output) / TIOCA2 (input/output)
/ STXD2 (output)
/ TIOCB2 (input/output)
/ SRCK1 (input)
/ SCK2
(input/output)
/ SRS1
(input)
/ RXD2
(input)
/ SRXD1 (input)
/ TXD2
(output)
/ STCK1 (input)
/ TIOCA0 (input/output)
/ STS1
(input/output) / TIOCB0 (input/output)
/ STXD1 (output)
/ TIOCD0 (input/output)
/ Reserved
/ TIOCD0 (input/output) / WOL (output)
Port B
Figure 20.2 Port B
20.3.1
Register Configuration
Table 20.3 shows the port B register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com