Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 827 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 827 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 823Page - Renesas Technology Corp SH7616 Datasheet HTML 824Page - Renesas Technology Corp SH7616 Datasheet HTML 825Page - Renesas Technology Corp SH7616 Datasheet HTML 826Page - Renesas Technology Corp SH7616 Datasheet HTML 827Page - Renesas Technology Corp SH7616 Datasheet HTML 828Page - Renesas Technology Corp SH7616 Datasheet HTML 829Page - Renesas Technology Corp SH7616 Datasheet HTML 830Page - Renesas Technology Corp SH7616 Datasheet HTML 831Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 827 / 935 page
background image
Section 21 Power-Down Modes
Rev. 2.00 Mar 09, 2006 page 801 of 906
REJ09B0292-0200
21.2
Register Descriptions
21.2.1
Standby Control Register 1 (SBYCR1)
Bit:
76543210
SBY
HIZ
MSTP5 MSTP4 MSTP3
—
MSTP1
—
(UBC)
(DMAC)
(DSP)
(FRT)
Initial value:
00000000
R/W:
R/W
R/W
R/W
R/W
R/W
R
R/W
R
Standby control register 1 (SBYCR1) is an 8-bit read/write register that sets the power-down
mode. SBYCR is initialized to H'00 by a reset.
Bit 7—Standby (SBY): Specifies transition to standby mode. To enter the standby mode, halt the
WDT (set the TME bit in WTCSR to 0) and set the SBY bit.
Bit 7: SBY
Description
0
Executing a SLEEP instruction puts the chip into sleep mode
(Initial value)
1
Executing a SLEEP instruction puts the chip into standby mode
Bit 6—Port High Impedance (HIZ): Selects whether output pins are set to high impedance or
retain the output state in standby mode. When HIZ = 0 (initial state), the specified pin retains its
output state. When HIZ = 1, the pin goes to the high-impedance state. See Appendix B.1, Pin
States during Resets, Power-Down States and Bus Release State, for which pins are controlled.
Bit 6: HIZ
Description
0
Pin state retained in standby mode
(Initial value)
1
Pin goes to high impedance in standby mode
Bit 5—Module Stop 5 (MSTP5): Specifies halting the clock supply to the user break controller
(UBC). When the MSTP5 bit is set to 1, the supply of the clock to the UBC is halted. When the
clock halts, the UBC registers retain their pre-halt state. Do not set this bit while the UBC is
running.
Bit 5: MSTP5
Description
0
UBC running
(Initial value)
1
Clock supply to UBC halted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com