Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 830 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 830 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 826Page - Renesas Technology Corp SH7616 Datasheet HTML 827Page - Renesas Technology Corp SH7616 Datasheet HTML 828Page - Renesas Technology Corp SH7616 Datasheet HTML 829Page - Renesas Technology Corp SH7616 Datasheet HTML 830Page - Renesas Technology Corp SH7616 Datasheet HTML 831Page - Renesas Technology Corp SH7616 Datasheet HTML 832Page - Renesas Technology Corp SH7616 Datasheet HTML 833Page - Renesas Technology Corp SH7616 Datasheet HTML 834Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 830 / 935 page
background image
Section 21 Power-Down Modes
Rev. 2.00 Mar 09, 2006 page 804 of 906
REJ09B0292-0200
Bit 3—Module Stop 9 (MSTP9): Specifies halting the clock supply to SIO channel 1. When the
MSTP9 bit is set to 1, the supply of the clock to SIO channel 1 is halted. When the clock halts,
SIO channel 1 retains its pre-halt state, and the SIO channel 1 interrupt vector register in the INTC
retains its pre-halt value. Therefore, when MSTP9 is cleared to 0 and the clock supply to SIO
channel 1 is restarted, operation starts again.
Bit 3: MSTP9
Description
0
SIO channel 1 running
(Initial value)
1
Clock supply to SIO channel 1 halted
Bit 2—Module Stop 8 (MSTP8): Specifies halting the clock supply to SIOF. When the MSTP8 bit
is set to 1, the supply of the clock to SIOF is halted. When the clock halts, SIOF retains its pre-halt
state, and the SIOF interrupt vector register in the INTC retains its pre-halt value. Therefore, when
MSTP8 is cleared to 0 and the clock supply to SIOF is restarted, operation starts again.
Bit 2: MSTP8
Description
0
SIOF running
(Initial value)
1
Clock supply to SIOF halted
Bit 1—Module Stop 7 (MSTP7): Specifies halting the clock supply to SCIF2. When the MSTP7
bit is set to 1, the supply of the clock to SCIF2 is halted. When the clock halts, the SCIF2 registers
are initialized, but the SCIF2 interrupt vector register in the INTC retains its pre-halt value.
Therefore, when MSTP7 is cleared to 0 and SCIF2 begins running again, it starts operating from
its initial state.
Bit 1: MSTP7
Description
0
SCIF2 running
(Initial value)
1
Clock supply to SCIF2 halted
Bit 0—Module Stop 6 (MSTP6): Specifies halting the clock supply to SCIF1. When the MSTP6
bit is set to 1, the supply of the clock to SCIF1 is halted. When the clock halts, the SCIF1 registers
are initialized, but the SCIF1 interrupt vector register in the INTC retains its pre-halt value.
Therefore, when MSTP6 is cleared to 0 and SCIF1 begins running again, it starts operating from
its initial state.
Bit 0: MSTP6
Description
0
SCIF1 running
(Initial value)
1
Clock supply to SCIF1 halted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com