Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 829 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 829 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 825Page - Renesas Technology Corp SH7616 Datasheet HTML 826Page - Renesas Technology Corp SH7616 Datasheet HTML 827Page - Renesas Technology Corp SH7616 Datasheet HTML 828Page - Renesas Technology Corp SH7616 Datasheet HTML 829Page - Renesas Technology Corp SH7616 Datasheet HTML 830Page - Renesas Technology Corp SH7616 Datasheet HTML 831Page - Renesas Technology Corp SH7616 Datasheet HTML 832Page - Renesas Technology Corp SH7616 Datasheet HTML 833Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 829 / 935 page
background image
Section 21 Power-Down Modes
Rev. 2.00 Mar 09, 2006 page 803 of 906
REJ09B0292-0200
21.2.2
Standby Control Register 2 (SBYCR2)
Bit:
76543210
——
MSTP11
(TPU)
MSTP10
(SIO2)
MSTP9
(SIO1)
MSTP8
(SIOF)
MSTP7
(SCIF2)
MSTP6
(SCIF1)
Initial value:
00000000
R/W:
R
R
R/W
R/W
R/W
R/W
R/W
R/W
Standby control register 2 (SBYCR2) is an 8-bit read/write register that sets the power-down mode
state. SBYCR2 is initialized to H'00 by a reset.
Bits 7 and 6—Reserved: These bits are always read as 0. The write value should always be 0.
Bit 5—Module Stop 11 (MSTP11): Specifies halting the clock supply to the 16-bit timer pulse
unit (TPU). When the MSTP11 bit is set to 1, the supply of the clock to the TPU is halted. When
the clock halts, the TPU retains its pre-halt state, and the TPU interrupt vector register in the INTC
retains its pre-halt value. Therefore, when MSTP11 is cleared to 0 and the clock supply to the TPU
is resumed, the TPU starts operating again.
Bit 5: MSTP11
Description
0
TPU running
(Initial value)
1
Clock supply to TPU halted
Bit 4—Module Stop 10 (MSTP10): Specifies halting the clock supply to SIO channel 2. When the
MSTP10 bit is set to 1, the supply of the clock to SIO channel 2 is halted. When the clock halts,
SIO channel 2 retains its pre-halt state, and the SIO channel 2 interrupt vector register in the INTC
retains its pre-halt value. Therefore, when MSTP10 is cleared to 0 and the clock supply to SIO
channel 2 is restarted, operation starts again.
Bit 4: MSTP10
Description
0
SIO channel 2 running
(Initial value)
1
Clock supply to SIO channel 2 halted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com