Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 831 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 831 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 827Page - Renesas Technology Corp SH7616 Datasheet HTML 828Page - Renesas Technology Corp SH7616 Datasheet HTML 829Page - Renesas Technology Corp SH7616 Datasheet HTML 830Page - Renesas Technology Corp SH7616 Datasheet HTML 831Page - Renesas Technology Corp SH7616 Datasheet HTML 832Page - Renesas Technology Corp SH7616 Datasheet HTML 833Page - Renesas Technology Corp SH7616 Datasheet HTML 834Page - Renesas Technology Corp SH7616 Datasheet HTML 835Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 831 / 935 page
background image
Section 21 Power-Down Modes
Rev. 2.00 Mar 09, 2006 page 805 of 906
REJ09B0292-0200
21.3
Sleep Mode
21.3.1
Transition to Sleep Mode
Executing the SLEEP instruction when the SBY bit in SBYCR1 is 0 causes a transition from the
program execution state to sleep mode. Although the CPU halts immediately after executing the
SLEEP instruction, the contents of its internal registers remain unchanged. The on-chip peripheral
modules continue to run in sleep mode.
21.3.2
Canceling Sleep Mode
Sleep mode is canceled by an interrupt, DMA address error, power-on reset, or manual reset.
Cancellation by an Interrupt: When an interrupt occurs, sleep mode is canceled and interrupt
exception handling is executed. Sleep mode is not canceled if the interrupt cannot be accepted
because its priority level is equal to or less than the mask level set in the CPU’s status register
(SR) or if an interrupt by an on-chip peripheral module is disabled at the peripheral module.
Cancellation by a DMA Address Error: If a DMA address error occurs, sleep mode is canceled
and DMA address error exception handling is executed.
Cancellation by a Power-On Reset: A power-on reset cancels sleep mode.
Cancellation by a Manual Reset: A manual reset cancels sleep mode.
21.4
Standby Mode
21.4.1
Transition to Standby Mode
To enter standby mode, set the SBY bit to 1 in SBYCR1, then execute the SLEEP instruction. The
chip switches from the program execution state to standby mode. The NMI interrupt cannot be
accepted when the SLEEP instruction is executed, or for the following five cycles. In standby
mode, the clock supply to all on-chip peripheral modules is halted as well as the CPU. CPU
register contents are held, and some on-chip peripheral modules are initialized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com