Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 822 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 822 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 818Page - Renesas Technology Corp SH7616 Datasheet HTML 819Page - Renesas Technology Corp SH7616 Datasheet HTML 820Page - Renesas Technology Corp SH7616 Datasheet HTML 821Page - Renesas Technology Corp SH7616 Datasheet HTML 822Page - Renesas Technology Corp SH7616 Datasheet HTML 823Page - Renesas Technology Corp SH7616 Datasheet HTML 824Page - Renesas Technology Corp SH7616 Datasheet HTML 825Page - Renesas Technology Corp SH7616 Datasheet HTML 826Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 822 / 935 page
background image
Section 20 I/O Ports
Rev. 2.00 Mar 09, 2006 page 796 of 906
REJ09B0292-0200
20.2.1
Register Configuration
The port A register is shown in table 20.1.
Table 20.1 Register Configuration
Name
Abbreviation
R/W
Initial Value
Address
Access Size
Port A data register
PADR
R/W
H'0000
H'FFFFFC84
8, 16
20.2.2
Port A Data Register (PADR)
Bit:
15
14
13
12
11
10
9
8
—
—
PA13DR PA12DR PA11DR PA10DR PA9DR PA8DR
Initial value:
00000000
R/W:
R
R
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
76543210
PA7DR PA6DR PA5DR PA4DR
—
PA2DR PA1DR PA0DR
Initial value:
00000000
R/W:
R/W
R/W
R/W
R/W
R
R/W
R/W
R/W
The port A data register (PADR) is a 16-bit read/write register that stores port A data. Bits 15, 14,
and 3 are reserved: they always read 0, and the write value should always be 0. Bits PA13DR to
PA0DR correspond to pins PA13 to PA0. When a pin functions as a general output, if a value is
written to PADR, that value is output directly from the pin, and if PADR is read, the register value
is returned directly regardless of the pin state. When a pin functions as a general input, if PADR is
read the pin state, not the register value, is returned directly. If a value is written to PADR,
although that value is written into PADR it does not affect the pin state. Table 20.2 summarizes
port A data register read/write operations.
PADR is initialized to H'0000 by a power-on reset. It is not initialized by a manual reset or in
standby mode or sleep mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com