Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 813 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 813 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 809Page - Renesas Technology Corp SH7616 Datasheet HTML 810Page - Renesas Technology Corp SH7616 Datasheet HTML 811Page - Renesas Technology Corp SH7616 Datasheet HTML 812Page - Renesas Technology Corp SH7616 Datasheet HTML 813Page - Renesas Technology Corp SH7616 Datasheet HTML 814Page - Renesas Technology Corp SH7616 Datasheet HTML 815Page - Renesas Technology Corp SH7616 Datasheet HTML 816Page - Renesas Technology Corp SH7616 Datasheet HTML 817Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 813 / 935 page
background image
Section 19 Pin Function Controller (PFC)
Rev. 2.00 Mar 09, 2006 page 787 of 906
REJ09B0292-0200
19.3.3
Port B Control Registers (PBCR, PBCR2)
The port B control registers (PBCR and PBCR2) are 16-bit read/write registers that select the
functions of the 16 multiplex pins in port B. PBCR selects the functions of the pins for the upper 8
bits in port B, and PBCR2 selects the functions of the pins for the lower 8 bits in port B.
PBCR and PBCR2 are initialized to H'0000 by a power-on reset. They are not initialized by a
manual reset or in standby mode or sleep mode.
Port B Control Register (PBCR)
Bit:
15
14
13
12
11
10
9
8
PB15
MD1
PB15
MD0
PB14
MD1
PB14
MD0
PB13
MD1
PB13
MD0
PB12
MD1
PB12
MD0
Initial value:
00000000
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
76543210
PB11
MD1
PB11
MD0
PB10
MD1
PB10
MD0
PB9
MD1
PB9
MD0
PB8
MD1
PB8
MD0
Initial value:
00000000
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bits 15 and 14—PB15 Mode Bits 1 and 0 (PB15MD1, PB15MD0): These bits select the function
of pin PB15/SCK1.
Bit 15: PB15MD1
Bit 14: PB15MD0
Description
0
0
General input/output (PB15)
(Initial value)
1
Reserved
1
0
SCIF1 serial clock input/output (SCK1)
1
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com