Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 809 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 809 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 805Page - Renesas Technology Corp SH7616 Datasheet HTML 806Page - Renesas Technology Corp SH7616 Datasheet HTML 807Page - Renesas Technology Corp SH7616 Datasheet HTML 808Page - Renesas Technology Corp SH7616 Datasheet HTML 809Page - Renesas Technology Corp SH7616 Datasheet HTML 810Page - Renesas Technology Corp SH7616 Datasheet HTML 811Page - Renesas Technology Corp SH7616 Datasheet HTML 812Page - Renesas Technology Corp SH7616 Datasheet HTML 813Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 809 / 935 page
background image
Section 19 Pin Function Controller (PFC)
Rev. 2.00 Mar 09, 2006 page 783 of 906
REJ09B0292-0200
19.2
Register Configuration
Table 19.2 shows the PFC registers.
Table 19.2 Register Configuration
Name
Abbreviation R/W
Initial Value
Address
Access Size
Port A control register
PACR
R/W
H'0000
H'FFFFFC80
8, 16
Port A I/O register
PAIOR
R/W
H'0000
H'FFFFFC82
8, 16
Port B control register
PBCR
R/W
H'0000
H'FFFFFC88
8, 16
Port B I/O register
PBIOR
R/W
H'0000
H'FFFFFC8A
8, 16
Port B control register 2
PBCR2
R/W
H'0000
H'FFFFFC8E
8, 16
19.3
Register Descriptions
19.3.1
Port A Control Register (PACR)
Bit:
15
14
13
12
11
10
9
8
—
—
PA13MD PA12MD PA11MD PA10MD PA9MD PA8MD
Initial value:
00000000
R/W:
R
R
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
76543210
PA7MD PA6MD PA5MD PA4MD PA3MD PA2MD PA1MD PA0MD
Initial value:
00000000
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
The port A control register (PACR) is a 16-bit read/write register that selects the functions of the
14 multiplex pins in port A.
PACR is initialized to H'0000 by a power-on reset. It is not initialized by a manual reset or in
standby mode or sleep mode.
Bits 15 and 14—Reserved: These bits are always read as 0. The write value should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com