Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 815 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 815 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 811Page - Renesas Technology Corp SH7616 Datasheet HTML 812Page - Renesas Technology Corp SH7616 Datasheet HTML 813Page - Renesas Technology Corp SH7616 Datasheet HTML 814Page - Renesas Technology Corp SH7616 Datasheet HTML 815Page - Renesas Technology Corp SH7616 Datasheet HTML 816Page - Renesas Technology Corp SH7616 Datasheet HTML 817Page - Renesas Technology Corp SH7616 Datasheet HTML 818Page - Renesas Technology Corp SH7616 Datasheet HTML 819Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 815 / 935 page
background image
Section 19 Pin Function Controller (PFC)
Rev. 2.00 Mar 09, 2006 page 789 of 906
REJ09B0292-0200
Bits 5 and 4—PB10 Mode Bits 1 and 0 (PB10MD1, PB10MD0): These bits select the function of
pin PB10/SRXD2/TIOCA1.
Bit 5: PB10MD1
Bit 4: PB10MD0
Description
0
0
General input/output (PB10)
(Initial value)
1
SIO2 serial receive data input (SRXD2)
1
0
TPU1 input capture input/output compare output
(TIOCA1)
1
Reserved
Bits 3 and 2—PB9 Mode Bits 1 and 0 (PB9MD1, PB9MD0): These bits select the function of pin
PB9/STCK2/TIOCB1, TCLKC.
Bit 3: PB9MD1
Bit 2: PB9MD0
Description
0
0
General input/output (PB9)
(Initial value)
1
SIO2 serial transmit clock input (STCK2)
1
0
TPU1 input capture input/output compare output
(TIOCB1)*
1
Reserved
Note: * Timer clock input C (TCLKC) is selected when the TPU phase counting mode is set, or
according to the setting of bits TPSC2 to TPSC0 in TCR.
Bits 1 and 0—PB8 Mode Bits 1 and 0 (PB8MD1, PB8MD0): These bits select the function of pin
PB8/STS2/TIOCA2.
Bit 1: PB8MD1
Bit 0: PB8MD0
Description
0
0
General input/output (PB8)
(Initial value)
1
SIO2 serial transmit synchronous input/output (STS2)
1
0
TPU2 input capture input/output compare output
(TIOCA2)
1
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com