Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 120 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 120 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 116Page - Renesas Technology Corp SH7616 Datasheet HTML 117Page - Renesas Technology Corp SH7616 Datasheet HTML 118Page - Renesas Technology Corp SH7616 Datasheet HTML 119Page - Renesas Technology Corp SH7616 Datasheet HTML 120Page - Renesas Technology Corp SH7616 Datasheet HTML 121Page - Renesas Technology Corp SH7616 Datasheet HTML 122Page - Renesas Technology Corp SH7616 Datasheet HTML 123Page - Renesas Technology Corp SH7616 Datasheet HTML 124Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 935 page
background image
Section 2 CPU
Rev. 2.00 Mar 09, 2006 page 94 of 906
REJ09B0292-0200
Table 2.33 Correspondence between DSP Instruction Operands and Registers
ALU and BPU Instructions
Multiplication Instructions
Register
Sx
Sy
Dz
Du
Se
Sf
Dg
A0
Yes
—
Yes
Yes
—
—
Yes
A1
Yes
—
Yes
Yes
Yes
Yes
Yes
M0
—Yes
Yes
—
——Yes
M1
—Yes
Yes
—
——Yes
X0
Yes
—
Yes
Yes
Yes
Yes
—
X1
Yes
—
Yes
—
Yes
—
—
Y0
—
Yes
Yes
Yes
Yes
Yes
—
Y1
—
Yes
Yes
—
—
Yes
—
When writing parallel instructions, write the B field instructions first, then write the A field
instructions:
PADD A0,M0,A0 PMULS X0,Y0,M0
MOVX.W @R4+,X0
MOVY.W @R6+,Y0[;]
DCF PINC X1,A1
MOVX.W A0,@R5+R8
MOVY.W @R7+,Y0[;]
PCMP X1,M0
MOVX.W @R4+R8
[NOPY][;]
Text in brackets ([]) can be omitted. The no operation instructions NOPX and NOPY can be
omitted. Semicolons (;) are used to demarcate instruction lines, but can be omitted. If semicolons
are used, the space after the semicolon can be used for comments.
The individual status codes (DC, N, Z, V, GT) of the DSR register are always updated by
unconditional ALU operation instructions and shift operation instructions. Conditional instructions
do not update the status codes, even if the conditions have been met. Multiplication instructions
also do not update the status codes. DC bit definitions are determined by the specifications of the
CS bits in the DSR register.
Table 2.34 lists the DSP operation instructions by classification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com