| Electronic Components Datasheet Search |
|
SH7616 Datasheet(PDF) 178 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7616 Datasheet(HTML) 178 Page - Renesas Technology Corp |
|
178 / 935 page ![]() Section 5 Interrupt Controller (INTC) Rev. 2.00 Mar 09, 2006 page 152 of 906 REJ09B0292-0200 5.2.6 On-chip Peripheral Module Interrupts On-chip peripheral module interrupts are interrupts generated by the following 9 on-chip peripheral modules: • Direct memory access controller (DMAC) • Bus state controller (BSC) • Watchdog timer (WDT) • 16-bit free-running timer (FRT) • Ethernet controller direct memory access controller (E-DMAC) (Including EtherC interrupt) • 16-bit timer pulse unit (TPU) • Serial communication interface with FIFO (SCIF) • Serial I/O with FIFO (SIOF) • Serial I/O (SIO) A different interrupt vector is assigned to each interrupt source, so the exception service routine does not have to decide which interrupt has occurred. Priority levels between 0 and 15 can be assigned to individual on-chip peripheral modules in interrupt priority registers A, B, D, and E (IPRA, IPRB, IPRD, IPRE). On-chip peripheral module interrupt exception handling sets the interrupt mask level bits (I3–I0) in the status register (SR) to the priority level value of the on-chip peripheral module interrupt that was accepted. 5.2.7 Interrupt Exception Vectors and Priority Order Table 5.4 lists interrupt sources and their vector numbers, vector table address offsets and interrupt priorities. Each interrupt source is allocated a different vector number and vector table address offset. Vector table addresses are calculated from vector numbers and vector table address offsets. In interrupt exception handling, the exception service routine start address is fetched from the vector table entry indicated by the vector table address. See table 4.4, Calculating Exception Vector Table Addresses, in section 4, Exception Handling, for more information on this calculation. IRL interrupts IRL15–IRL1 have interrupt priority levels of 15–1, respectively. IRQ interrupt and on-chip peripheral module interrupt priorities can be set freely between 0 and 15 for each module by setting interrupt priority registers A–E (IPRA–IPRE). The ranking of interrupt sources for IPRA–IPRE, however, must be the order listed under Priority within IPR Setting Unit in table 5.4 and cannot be changed. A reset assigns priority level 0 to on-chip peripheral module interrupts. If the same priority level is assigned to two or more interrupt sources and interrupts from those |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |