Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 175 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 175 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 171Page - Renesas Technology Corp SH7616 Datasheet HTML 172Page - Renesas Technology Corp SH7616 Datasheet HTML 173Page - Renesas Technology Corp SH7616 Datasheet HTML 174Page - Renesas Technology Corp SH7616 Datasheet HTML 175Page - Renesas Technology Corp SH7616 Datasheet HTML 176Page - Renesas Technology Corp SH7616 Datasheet HTML 177Page - Renesas Technology Corp SH7616 Datasheet HTML 178Page - Renesas Technology Corp SH7616 Datasheet HTML 179Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 935 page
background image
Section 5 Interrupt Controller (INTC)
Rev. 2.00 Mar 09, 2006 page 149 of 906
REJ09B0292-0200
An example of connections for external vector mode interrupts is shown in figure 5.2, and an
example of connections for auto-vector mode interrupts in figure 5.3.
Chip
Priority
encoder
Interrupt
requests
Vector number
generator
circuit
4
IRL0–IRL3
IRL0–IRL3
D0–D7
A0–A3
IVECF
RD
D0–D7
Figure 5.2 Example of Connections for External Vector Mode Interrupts
Chip
Priority
encoder
Interrupt
requests
4
IRL0–IRL3
IRL0–IRL3
Figure 5.3 Example of Connections for Auto-Vector Mode Interrupts
Figures 5.4 to 5.7 show the interrupt vector fetch cycle for the external vector mode. During this
cycle,
CS0–CS4 stay high. A24–A4 output undefined values. The WAIT pin is sampled, but
programmable waits are not valid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com