Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 173 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 173 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 169Page - Renesas Technology Corp SH7616 Datasheet HTML 170Page - Renesas Technology Corp SH7616 Datasheet HTML 171Page - Renesas Technology Corp SH7616 Datasheet HTML 172Page - Renesas Technology Corp SH7616 Datasheet HTML 173Page - Renesas Technology Corp SH7616 Datasheet HTML 174Page - Renesas Technology Corp SH7616 Datasheet HTML 175Page - Renesas Technology Corp SH7616 Datasheet HTML 176Page - Renesas Technology Corp SH7616 Datasheet HTML 177Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 935 page
background image
Section 5 Interrupt Controller (INTC)
Rev. 2.00 Mar 09, 2006 page 147 of 906
REJ09B0292-0200
5.2.1
NMI Interrupt
The NMI interrupt has priority 16 and is always accepted. Input at the NMI pin is detected by
edge. Use the NMI edge select bit (NMIE) in the interrupt control register (ICR) to select either
the rising or falling edge. NMI interrupt exception handling sets the interrupt mask level bits (I3–
I0) in the status register (SR) to level 15.
5.2.2
User Break Interrupt
A user break interrupt has priority level 15 and occurs when the break condition set in the user
break controller (UBC) is satisfied. User break interrupt exception handling sets the interrupt mask
level bits (I3–I0) in the status register (SR) to level 15. For more information about the user break
interrupt, see section 6, User Break Controller.
5.2.3
H-UDI Interrupt
The H-UDI interrupt has a priority level of 15, and is generated when an H-UDI interrupt
instruction is serially input. H-UDI interrupt exception processing sets the interrupt mask bits (I3–
I0) in the status register (SR) to level 15. See section 18, User Debug Interface, for details of the
H-UDI interrupt.
5.2.4
IRL Interrupts
IRL interrupts are requested by input from pins
IRL3–IRL0. Fifteen interrupts, IRL15–IRL1, can
be input externally via pins
IRL3–IRL0. The priority levels of interrupts IRL15–IRL0 are 15–1,
respectively, and their vector numbers are 71–64. Set the vector numbers with the interrupt vector
mode select (VECMD) bit of the interrupt control register (ICR) to enable external input. External
input of vector numbers consists of vector numbers 0–127 from the external vector input pins
(D7–D0). When an external vector is used, 0 is input to D7. Internal vectors are called auto-
vectors and vectors input externally are called external vectors. Table 5.3 lists IRL priority levels
and auto vector numbers.
When an IRL interrupt is accepted in external vector mode, the IRL interrupt level is output from
the interrupt acceptance level output pins (A3–A0). The external vector fetch pin (
IVECF) is also
asserted. The external vector number is read from pins D7–D0 at this time.
IRL interrupt exception processing sets the interrupt mask level bits (I3 to I0) in the status register
(SR) to the priority level value of the IRL interrupt that was accepted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com