Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 172 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 172 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 168Page - Renesas Technology Corp SH7616 Datasheet HTML 169Page - Renesas Technology Corp SH7616 Datasheet HTML 170Page - Renesas Technology Corp SH7616 Datasheet HTML 171Page - Renesas Technology Corp SH7616 Datasheet HTML 172Page - Renesas Technology Corp SH7616 Datasheet HTML 173Page - Renesas Technology Corp SH7616 Datasheet HTML 174Page - Renesas Technology Corp SH7616 Datasheet HTML 175Page - Renesas Technology Corp SH7616 Datasheet HTML 176Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 935 page
background image
Section 5 Interrupt Controller (INTC)
Rev. 2.00 Mar 09, 2006 page 146 of 906
REJ09B0292-0200
Name
Abbr.
R/W
Initial
Value
Address
Access
Size
Vector number setting register H
VCRH
R/W
H'0000
H'FFFFFE48
8, 16
Vector number setting register I
VCRI
R/W
H'0000
H'FFFFFE4A 8, 16
Vector number setting register J
VCRJ
R/W
H'0000
H'FFFFFE4C 8, 16
Vector number setting register K
VCRK
R/W
H'0000
H'FFFFFE4E 8, 16
Vector number setting register L
VCRL
R/W
H'0000
H'FFFFFE 50 8, 16
Vector number setting register M
VCRM
R/W
H'0000
H'FFFFFE52
8, 16
Vector number setting register N
VCRN
R/W
H'0000
H'FFFFFE54
8, 16
Vector number setting register O
VCRO
R/W
H'0000
H'FFFFFE56
8, 16
Vector number setting register P
VCRP
R/W
H'0000
H'FFFFFEC2 8, 16
Vector number setting register Q
VCRQ
R/W
H'0000
H'FFFFFEC4 8, 16
Vector number setting register R
VCRR
R/W
H'0000
H'FFFFFEC6 8, 16
Vector number setting register S
VCRS
R/W
H'0000
H'FFFFFEC8 8, 16
Vector number setting register T
VCRT
R/W
H'0000
H'FFFFFECA 8, 16
Vector number setting register U
VCRU
R/W
H'0000
H'FFFFFECC 8, 16
Vector number setting register WDT
VCRWDT R/W
H'0000
H'FFFFFEE4 8, 16
Vector number setting register DMA0*
4
VCRDMA0 R/W
Undefined H'FFFFFFA0 32
Vector number setting register DMA1*
4
VCRDMA1 R/W
Undefined H'FFFFFFA8 32
Interrupt control register
ICR
R/W
H'8000/
H'0000*
1
H'FFFFFEE0 8, 16
IRQ control/status register
IRQCSR
R/W
*2
H'FFFFFEE8 8, 16
Notes: 1. The value when the NMI pin is high is H'8000; when the NMI pin is low, it is H'0000.
2. When pins
IRL3–IRL0 are high, bits 7–4 in IRQCSR are set to 1. When pins IRL3–IRL0
are low, bits 7–4 in IRQCSR are cleared to 0. The initial value of bits other than 7–4 is
0.
3. In the SH7616, VCRB is a reserved register and must not be accessed.
4. See section 11, Direct Memory Access Controlle for more information on VCRDMA0,
and VCRDMA1.
5.2
Interrupt Sources
There are five types of interrupt sources: NMI, user breaks, H-UDI, IRL/IRQ and on-chip
peripheral modules. Each interrupt has a priority expressed as a priority level (0 to 16, with 0 the
lowest and 16 the highest). Giving an interrupt a priority level of 0 masks it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com