| Electronic Components Datasheet Search |
|
SH7616 Datasheet(PDF) 174 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7616 Datasheet(HTML) 174 Page - Renesas Technology Corp |
|
174 / 935 page ![]() Section 5 Interrupt Controller (INTC) Rev. 2.00 Mar 09, 2006 page 148 of 906 REJ09B0292-0200 5.2.5 IRQ Interrupts An IRQ interrupt is requested when the external interrupt vector mode select bit (EXIMD) of the interrupt control register (ICR) is set to 1. An IRQ interrupt corresponds to input at one of pins IRL3–IRL0. Low-level sensing or rising/falling/both-edge sensing can be selected independently for each pin by the IRQ sense select bits (IRQ31S–IRQ00S) in the IRQ control/status register (IRQCSR), and a priority level of 0 to 15 can be selected independently for each pin by means of interrupt priority register C (IPRC). Set the interrupt vector mode select bit (VECMD) of the interrupt control register (ICR) to enable external input of vector numbers. External vector numbers are 0 to 127, and are input to the external vector input pins (D7–D0) during the interrupt vector fetch bus cycle. When an external vector is used, 0 is input to D7. When an IRQ interrupt is accepted in external vector mode, the IRQ interrupt priority level is output from the interrupt acceptance level output pins (A3–A0). The external vector fetch signal ( IVECF) is also asserted. The external vector number is read from signals D7–D0 at this time. IRQ interrupt exception processing sets the interrupt mask bits (I3–I0) in the status register (SR) to the priority level value of the IRQ interrupt that was accepted. Table 5.3 IRL Interrupt Priority Levels and Auto-Vector Numbers Pin Priority Vector IRL3 IRL3 IRL3 IRL3 IRL2 IRL2 IRL2 IRL2 IRL1 IRL1 IRL1 IRL1 IRL0 IRL0 IRL0 IRL0 Level Number 000015 71 114 1013 70 112 10011 69 110 10968 18 1000767 16 10566 14 100365 12 10164 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |