Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 169 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 169 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 165Page - Renesas Technology Corp SH7616 Datasheet HTML 166Page - Renesas Technology Corp SH7616 Datasheet HTML 167Page - Renesas Technology Corp SH7616 Datasheet HTML 168Page - Renesas Technology Corp SH7616 Datasheet HTML 169Page - Renesas Technology Corp SH7616 Datasheet HTML 170Page - Renesas Technology Corp SH7616 Datasheet HTML 171Page - Renesas Technology Corp SH7616 Datasheet HTML 172Page - Renesas Technology Corp SH7616 Datasheet HTML 173Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 935 page
background image
Section 5 Interrupt Controller (INTC)
Rev. 2.00 Mar 09, 2006 page 143 of 906
REJ09B0292-0200
Section 5 Interrupt Controller (INTC)
5.1
Overview
The interrupt controller (INTC) ascertains the priority order of interrupt sources and controls
interrupt requests to the CPU. The INTC has registers for setting the priority of each interrupt
which allow the user to set the order of priority in which interrupt requests are handled.
5.1.1
Features
The INTC has the following features:
• Sixteen interrupt priority levels can be set
By setting the five interrupt priority registers, the priorities of on-chip peripheral module
interrupts can be selected at 16 levels for different request sources.
• Vector numbers for on-chip peripheral module interrupt can be set
By setting the 24 vector number setting registers, the vector numbers of on-chip peripheral
module interrupts can be set to values from 0 to 127 for different request sources.
• The IRL interrupt vector number setting method can be selected: Either of two modes can be
selected by a register setting: auto-vector mode in which vector numbers are determined
internally, and external vector mode in which vector numbers are set externally.
• IRQ interrupt settings can be made (low level, rising-, falling-, or both-edge detection)
5.1.2
Block Diagram
Figure 5.1 shows a block diagram of the INTC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com