Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 313 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 313 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 309Page - Renesas Technology Corp SH7616 Datasheet HTML 310Page - Renesas Technology Corp SH7616 Datasheet HTML 311Page - Renesas Technology Corp SH7616 Datasheet HTML 312Page - Renesas Technology Corp SH7616 Datasheet HTML 313Page - Renesas Technology Corp SH7616 Datasheet HTML 314Page - Renesas Technology Corp SH7616 Datasheet HTML 315Page - Renesas Technology Corp SH7616 Datasheet HTML 316Page - Renesas Technology Corp SH7616 Datasheet HTML 317Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 935 page
background image
Section 7 Bus State Controller (BSC)
Rev. 2.00 Mar 09, 2006 page 287 of 906
REJ09B0292-0200
7.4.2
Wait State Control
The number of wait states inserted into ordinary space access states can be controlled using the
WCR1, WCR2, BCR1 and BCR3 register settings. When the Wn1 and Wn0 wait specification bits
in WCR1, WCR2 for the given CS space are 01 or 10, software waits are inserted according to the
wait specification. When Wn1 and Wn0 are 11, wait cycles are inserted according to the long wait
specification bit AnLW in BCR1, BCR3. The long wait specification in BCR1, BCR3 can be
made independently for CS0, CS1 and CS4 spaces, but the same value must be specified for CS2
and CS3 spaces. All WCR1 specifications are independent. By means of WCR1, WCR2, BCR1,
and BCR3, a Tw cycle is inserted as a wait cycle as long as the number of specified cycles at the
wait timing for ordinary access space shown in figure 7.16. The names of the control bits that
specify Tw for each CS space are shown in table 7.5.
T1
Tw
CKIO
A24–A0
CSn
RD/
WR
RD
D31–D0
WEn
D31–D0
BS
DACKn*
Read
Write
T2
Note: * DACKn waveform when active–low is specified.
Figure 7.16 Wait Timing of Ordinary Space Access (Software Wait Only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com