Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 151 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 151 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 147Page - Renesas Technology Corp 7702 Datasheet HTML 148Page - Renesas Technology Corp 7702 Datasheet HTML 149Page - Renesas Technology Corp 7702 Datasheet HTML 150Page - Renesas Technology Corp 7702 Datasheet HTML 151Page - Renesas Technology Corp 7702 Datasheet HTML 152Page - Renesas Technology Corp 7702 Datasheet HTML 153Page - Renesas Technology Corp 7702 Datasheet HTML 154Page - Renesas Technology Corp 7702 Datasheet HTML 155Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 217 page
background image
TIMER B
7702/7703 Group User’s Manual
6–15
6.4 Event counter mode
Fig. 6.4.1 Structures of timer Bi mode register and timer Bi register in event counter mode
b7
b0
b7
b0
(b15)
(b8)
Timer B0 register (Addresses 5116, 5016)
Timer B1 register (Addresses 5316, 5216)
Timer B2 register (Addresses 5516, 5416)
RW
15 to 0
Bit
Functions
At reset
RW
These bits can be set to “000016” to “FFFF16.”
Assuming that the set value = n, the counter
divides the count source frequency by n + 1.
When reading, the register indicates the
counter value.
Undefined
0 0 : Count at falling edge of external signal
0 1 : Count at rising edge of external signal
1 0 : Counts at both falling and rising edges
of external signal
1 1 : Not selected
b7
b6
b5
b4
b3
b2
b1
b0
01
Bit
Count polarity select bit
Bit name
These bits are ignored in event counter mode.
This bit is ignored in event counter mode.
7
Functions
At reset
0
0
0
Undefined
RW
Operating mode select bits
1
0 1 : Event counter mode
b1 b0
0
0
0
!!
0
2
RW
RW
3
4
5
6
RW
RW
—
—
RW
RW
Timer Bi mode register (i = 0 to 2) (Addresses 5B16 to 5D16)
b3 b2
Nothing is assigned.
Undefined
!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com