Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 153 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 153 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 149Page - Renesas Technology Corp 7702 Datasheet HTML 150Page - Renesas Technology Corp 7702 Datasheet HTML 151Page - Renesas Technology Corp 7702 Datasheet HTML 152Page - Renesas Technology Corp 7702 Datasheet HTML 153Page - Renesas Technology Corp 7702 Datasheet HTML 154Page - Renesas Technology Corp 7702 Datasheet HTML 155Page - Renesas Technology Corp 7702 Datasheet HTML 156Page - Renesas Technology Corp 7702 Datasheet HTML 157Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 217 page
background image
TIMER B
7702/7703 Group User’s Manual
6–17
6.4 Event counter mode
6.4.2 Operation in event counter mode
Œ When the count start bit is set to “1,” the counter starts counting of the count source.
 The counter counts the count source’s valid edges.
Ž When the counter underflows, the reload register’s contents are reloaded and counting continues.
 The timer Bi interrupt request bit is set to “1” when the counter underflows in Ž.
The interrupt request bit remains set to “1” until the interrupt request is accepted or the interrupt request
bit is cleared to “0” by software.
Figure 6.4.3 shows an example of operation in the event counter mode.
Stops counting.
Restarts counting .
FFFF16
n
000016
Time
Count start bit
Timer Bi interrupt
request bit
“1”
“1”
n = Reload register’s contents
Cleared to “0” when interrupt request is accepted or cleared by software.
Set to “1” by software.
Starts counting.
Cleared to “0” by
software.
“0”
“0”
Set to “1” by software.
Fig. 6.4.3 Example of operation in event counter mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com