Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 156 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 156 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 152Page - Renesas Technology Corp 7702 Datasheet HTML 153Page - Renesas Technology Corp 7702 Datasheet HTML 154Page - Renesas Technology Corp 7702 Datasheet HTML 155Page - Renesas Technology Corp 7702 Datasheet HTML 156Page - Renesas Technology Corp 7702 Datasheet HTML 157Page - Renesas Technology Corp 7702 Datasheet HTML 158Page - Renesas Technology Corp 7702 Datasheet HTML 159Page - Renesas Technology Corp 7702 Datasheet HTML 160Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 217 page
background image
TIMER B
6–20
7702/7703 Group User’s Manual
6.5 Pulse period/pulse width measurement mode
b7
b0
b7
b0
(b15)
(b8)
Timer B0 register (Addresses 5116, 5016)
Timer B1 register (Addresses 5316, 5216)
Timer B2 register (Addresses 5516, 5416)
Functions
Bit
At reset
RW
15 to 0 The measurement result of pulse period or
pulse width is read out.
Undefined
RO
Measurement mode select bits
1
Operating mode select bits
Bit name
Functions
b7
b6
b5
b4
b3
b2
b1
b0
Timer Bi mode register (i = 0 to 2) (Addresses 5B16 to 5D16)
1 0 : Pulse period/Pulse width
measurement mode
7
0 0 : f2
0 1 : f16
1 0 : f64
1 1 : f512
b7 b6
Count source select bits
b1 b0
b3 b2
Nothing is assigned.
0
1
0 0 : Pulse period measurement
(Interval between falling edges
of measurement pulse)
0 1 : Pulse period measurement
(Interval between rising edges
of measurement pulse)
1 0 : Pulse width measurement
(Interval from falling edge to rising
edge, and from rising edge to falling
edge of measurement pulse)
1 1 : Not selected
Bit
At reset
Undefined
0
RW
4
0
2
3
6
RW
RW
RW
RW
–
RW
RW
5
0
0
0
Timer Bi overflow flag
(Note)
0 : No overflow
1 : Overflow
Undefined
RO
0
0
Note: The timer Bi overflow flag is cleared to “0” by writing to the timer Bi mode register with the
count start bit = “1.”
Fig. 6.5.1 Structures of timer Bi mode register and timer Bi register in pulse period/pulse width
measurement mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com