Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 158 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 158 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 154Page - Renesas Technology Corp 7702 Datasheet HTML 155Page - Renesas Technology Corp 7702 Datasheet HTML 156Page - Renesas Technology Corp 7702 Datasheet HTML 157Page - Renesas Technology Corp 7702 Datasheet HTML 158Page - Renesas Technology Corp 7702 Datasheet HTML 159Page - Renesas Technology Corp 7702 Datasheet HTML 160Page - Renesas Technology Corp 7702 Datasheet HTML 161Page - Renesas Technology Corp 7702 Datasheet HTML 162Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 217 page
background image
TIMER B
6–22
7702/7703 Group User’s Manual
6.5 Pulse period/pulse width measurement mode
Fig. 6.5.2 Initial setting example for registers relevant to pulse period/pulse width measurement mode
Count starts
b7
b0
Measurement mode select bits
10
Selecting pulse period/pulse width measurement mode and each function
Timer Bi mode register (i = 0 to 2) (Addresses 5B16 to 5D16)
Setting count start bit to “1”
b7
b0
Count start register (Address 4016)
Timer B0 count start bit
Timer B1 count start bit
Timer B2 count start bit
b3 b2
Count source select bits
b7 b6
Timer Bi overflow flag (Note)
0: No overflow
1: Overflow
Setting port P6 direction register
b7
b0
Port P6 direction register (Address 1016)
Clear the corresponding bit to “0.”
TB0IN pin
TB1IN pin
TB2IN pin
0 0 : Pulse period measurement (Interval between falling edges
of measured pulse)
0 1 : Pulse period measurement (Interval between rising edges
of measured pulse)
1 0 : Pulse width measurement
1 1 : Not selected.
0 0 : f2
0 1 : f16
1 0 : f64
1 1 : f512
Note: The timer Bi overflow flag is a read-only bit. This bit is undefined after reset. This bit is cleared to "0" by writing to the timer Bi mode
register with the count start bit = “1.”
Setting interrupt priority level
b7
b0
Timer Bi interrupt control register (i = 0 to 2)
(Addresses 7A16 to 7C16)
Interrupt priority level select bits
When using interrupts, set these bits to level 1–7.
When disabling interrupts, set these bits to level 0.
Selection of pulse period/pulse width measurement mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com