Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 161 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 161 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 157Page - Renesas Technology Corp 7702 Datasheet HTML 158Page - Renesas Technology Corp 7702 Datasheet HTML 159Page - Renesas Technology Corp 7702 Datasheet HTML 160Page - Renesas Technology Corp 7702 Datasheet HTML 161Page - Renesas Technology Corp 7702 Datasheet HTML 162Page - Renesas Technology Corp 7702 Datasheet HTML 163Page - Renesas Technology Corp 7702 Datasheet HTML 164Page - Renesas Technology Corp 7702 Datasheet HTML 165Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 217 page
background image
TIMER B
7702/7703 Group User’s Manual
6–25
6.5 Pulse period/pulse width measurement mode
(2) Timer Bi overflow flag
The timer Bi interrupt request occurs when the measurement pulse’s valid edge is input or the
counter overflows. The timer Bi overflow flag is used to identify the cause of the interrupt request,
that is, whether it is an overflow occurrence or an effective edge input.
The timer Bi overflow flag is set to “1” by an overflow. Accordingly, the cause of the interrupt request
occurrence is identified by checking the timer Bi overflow flag in the interrupt routine. When a value
is written to the timer Bi mode register with the count start bit = “1,” the timer Bi overflow flag is
cleared to “0” at the next count timing of the count source
The timer Bi overflow flag is a read-only bit.
Use the timer Bi interrupt request bit to detect the overflow timing. Do not use the timer Bi overflow
flag to do that.
Figure 6.5.3 shows the operation during pulse period measurement. Figure 6.5.4 shows the operation
during pulse width measurement.
Fig. 6.5.3 Operation during pulse period measurement
Count source
Measurement pulse
Timing at which counter is
cleared to “000016”
“1”
“H”
“1”
Note: The above applies when measurement is performed for an interval from one falling to the next falling
of the measurement pulse.
Reload register
counter
Transfer timing
“L”
“0”
“0”
Count start bit
“1”
“0”
Œ Counter is initialized by completion of measurement.
 Counter overflow.
Œ

Œ
Cleared to “0” when interrupt request is accepted or
cleared by software.
Timer Bi interrupt
request bit
Timer Bi overflow flag
Transferred
(undefined value)
Transferred
(measured value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com