Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 159 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 159 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 155Page - Renesas Technology Corp 7702 Datasheet HTML 156Page - Renesas Technology Corp 7702 Datasheet HTML 157Page - Renesas Technology Corp 7702 Datasheet HTML 158Page - Renesas Technology Corp 7702 Datasheet HTML 159Page - Renesas Technology Corp 7702 Datasheet HTML 160Page - Renesas Technology Corp 7702 Datasheet HTML 161Page - Renesas Technology Corp 7702 Datasheet HTML 162Page - Renesas Technology Corp 7702 Datasheet HTML 163Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 217 page
background image
TIMER B
7702/7703 Group User’s Manual
6–23
6.5 Pulse period/pulse width measurement mode
6.5.2 Count source
In the pulse period/pulse width measurement mode, the count source select bits (bits 6 and 7 at addresses
5B16 to 5D16) select the count source.
Table 6.5.2 lists the count source frequency.
Table 6.5.2 Count source frequency
Count source
select bits
b7
b6
00
01
10
11
Count source frequency
f(XIN) = 8 MHz
f(XIN) = 16 MHz
f(XIN) = 25 MHz
4 MHz
8 MHz
12.5 MHz
500 kHz
1 MHz
1.5625 MHz
125 kHz
250 kHz
390.625 kHz
15625 Hz
31250 Hz
48.8281 kHz
Count source
f2
f16
f64
f512



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com