Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 160 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 160 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 156Page - Renesas Technology Corp 7702 Datasheet HTML 157Page - Renesas Technology Corp 7702 Datasheet HTML 158Page - Renesas Technology Corp 7702 Datasheet HTML 159Page - Renesas Technology Corp 7702 Datasheet HTML 160Page - Renesas Technology Corp 7702 Datasheet HTML 161Page - Renesas Technology Corp 7702 Datasheet HTML 162Page - Renesas Technology Corp 7702 Datasheet HTML 163Page - Renesas Technology Corp 7702 Datasheet HTML 164Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 217 page
background image
TIMER B
6–24
7702/7703 Group User’s Manual
6.5 Pulse period/pulse width measurement mode
6.5.3 Operation in pulse period/pulse width measurement mode
Œ When the count start bit is set to “1,” the counter starts counting of the count source.
 The counter value is transferred to the reload register when an valid edge of the measurement pulse
is detected. (Refer to section “(1) Pulse period/pulse width measurement.”)
Ž The counter value is cleared to “000016” after the transfer in , and the counter continues counting.
 The timer Bi interrupt request bit is set to “1” when the counter value is cleared to “000016” in Ž (Note).
The interrupt request bit remains set to “1” until the interrupt request is accepted or the interrupt request
bit is cleared to “0” by software.
 The timer repeats operations  to  above.
Note: The timer Bi interrupt request does not occur when the first valid edge is input after the timer starts
counting.
(1) Pulse period/pulse width measurement
The measurement mode select bits (bits 2 and 3 at addresses 5B16 to 5D16) specify whether the pulse
period of an external signal is measured or its pulse width is done. Table 6.5.3 lists the relationship
between the measurement mode select bits and the pulse period/pulse width measurements.
Make sure that the measurement pulse interval from the falling to the rising, and from the rising to
the falling are two cycles of the count source or more. Additionally, use software to identify whether
the measurement result indicates the “H” level or the “L” level width.
Table 6.5.3 Relationship between measurement mode select bits and pulse period/pulse width measurements
b3
0
0
1
1
Pulse period/pulse width measurement
Pulse period measurement
Pulse width measurement
Not selected
Measurement interval (Valid edges)
From falling to falling (Falling)
From rising to rising (Rising)
From falling to rising, and from rising to falling
(Falling and rising)
b2
0
1
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com