Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 162 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 162 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 158Page - Renesas Technology Corp 7702 Datasheet HTML 159Page - Renesas Technology Corp 7702 Datasheet HTML 160Page - Renesas Technology Corp 7702 Datasheet HTML 161Page - Renesas Technology Corp 7702 Datasheet HTML 162Page - Renesas Technology Corp 7702 Datasheet HTML 163Page - Renesas Technology Corp 7702 Datasheet HTML 164Page - Renesas Technology Corp 7702 Datasheet HTML 165Page - Renesas Technology Corp 7702 Datasheet HTML 166Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 217 page
background image
TIMER B
6–26
7702/7703 Group User’s Manual
6.5 Pulse period/pulse width measurement mode
Fig. 6.5.4 Operation during pulse width measurement
Measurement pulse
“H”
Count source
Reload register
counter
Transfer timing
Timing at which counter is
cleared to “000016”
“1”
“1”
Transferred
(measured
value)
“L”
“0”
“0”
“1”
“0”
Cleared to “0” when interrupt request is accepted or
cleared by software.
Œ Counter is initialized by completion of measurement.
 Counter overflow.
Œ

ŒŒ
Œ
Count start bit
Timer Bi interrupt
request bit
Timer Bi overflow flag
Transferred
(measured
value)
Transferred
(measured
value)
Transferred
(undefined
value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com