Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 166 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 166 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 162Page - Renesas Technology Corp 7702 Datasheet HTML 163Page - Renesas Technology Corp 7702 Datasheet HTML 164Page - Renesas Technology Corp 7702 Datasheet HTML 165Page - Renesas Technology Corp 7702 Datasheet HTML 166Page - Renesas Technology Corp 7702 Datasheet HTML 167Page - Renesas Technology Corp 7702 Datasheet HTML 168Page - Renesas Technology Corp 7702 Datasheet HTML 169Page - Renesas Technology Corp 7702 Datasheet HTML 170Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 217 page
background image
SERIAL I/O
7702/7703 Group User’s Manual
7–2
This chapter describes the Serial I/O.
The Serial I/O consists of 2 channels: UART0 and UART1. They each have a transfer clock generating timer
for the exclusive use of them and can operate independently. UART0 and UART1 have the same functions.
7703 Group
UART1’s function of the 7703 Group varies from the 7702 Group’s. Refer to “Chapter 20. 7703 GROUP.”
7.1 Overview
UARTi (i = 0 and 1) has the following 2 operating modes:
qClock synchronous serial I/O mode
Transmitter and receiver use the same clock as the transfer clock. Transfer data has the length of 8 bits.
qClock asynchronous serial I/O (UART) mode
Transfer rate and transfer data format can arbitrarily be set. The user can select a 7-bit, 8-bit, or 9-bit
length as the transfer data length.
Figure 7.1.1 shows the transfer data formats in each operating mode.
7.1 Overview
qClock synchronous serial I/O mode
Transfer data length of 8 bits
qUART mode
Transfer data length of 7 bits
Transfer data length of 8 bits
Transfer data length of 9 bits
Fig. 7.1.1 Transfer data formats in each operating mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com