Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 169 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 169 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 165Page - Renesas Technology Corp 7702 Datasheet HTML 166Page - Renesas Technology Corp 7702 Datasheet HTML 167Page - Renesas Technology Corp 7702 Datasheet HTML 168Page - Renesas Technology Corp 7702 Datasheet HTML 169Page - Renesas Technology Corp 7702 Datasheet HTML 170Page - Renesas Technology Corp 7702 Datasheet HTML 171Page - Renesas Technology Corp 7702 Datasheet HTML 172Page - Renesas Technology Corp 7702 Datasheet HTML 173Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 217 page
background image
SERIAL I/O
7702/7703 Group User’s Manual
7–5
(1)
Internal/External clock select bit (bit 3)
[Clock synchronous serial I/O mode]
By clearing this bit to “0” in order to select an internal clock, the clock which is selected with the
BRG count source select bits (bits 0 and 1 at addresses 3416, 3C16) becomes the count source of
BRGi (described later). The BRGi output of which frequency is divided by 2 becomes the transfer
clock. Additionally, the transfer clock is output from the CLKi pin.
By setting this bit to “1” in order to select an external clock, the clock input to the CLKi pin
becomes the transfer clock.
[UART mode]
By clearing this bit to “0” in order to select an internal clock, the clock which is selected with the
BRG count source select bits (bits 0 and 1 at addresses 3416, 3C16) becomes the count source of
the BRGi (described later). Then, the CLKi pin functions as a programmable I/O port.
By setting this bit to “1” in order to select an external clock, the clock input to the CLKi pin
becomes the count source of BRGi.
Always in the UART mode, the BRGi output of which frequency is divided by 16 is the transfer
clock.
BRGi: UARTi baud rate register (Refer to section “7.2.6 UARTi baud rate register (BRGi).”)
7.2 Block description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com