Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 170 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 170 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 166Page - Renesas Technology Corp 7702 Datasheet HTML 167Page - Renesas Technology Corp 7702 Datasheet HTML 168Page - Renesas Technology Corp 7702 Datasheet HTML 169Page - Renesas Technology Corp 7702 Datasheet HTML 170Page - Renesas Technology Corp 7702 Datasheet HTML 171Page - Renesas Technology Corp 7702 Datasheet HTML 172Page - Renesas Technology Corp 7702 Datasheet HTML 173Page - Renesas Technology Corp 7702 Datasheet HTML 174Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 217 page
background image
SERIAL I/O
7702/7703 Group User’s Manual
7–6
7.2 Block description
7.2.2 UARTi transmit/receive control register 0
Figure 7.2.3 shows the structure of UARTi transmit/receive control register 0. For bits 0 and 1, refer to
“7.2.1 (1) Internal/External clock select bit.”
CTS/RTS select bit
Bit
1
BRG count source select bits
Bit name
At reset
RW
Functions
b7
b6
b5
b4
b3
b2
b1
b0
0 0 : f2
0 1 : f16
1 0 : f64
1 1 : f512
UART0 transmit/receive control register 0 (Address 3416)
UART1 transmit/receive control register 0 (Address 3C16)
b1 b0
0 : CTS function selected.
1 : RTS function selected.
Transmit register empty flag
0 : Data present in transmit register.
(During transmitting)
1 : No data present in transmit register.
(Transmitting completed)
1
0
0
0
7 to 4
0
2
RW
RW
RO
3
RW
Nothing is assigned.
Undefined
–
Fig. 7.2.3 Structure of UARTi transmit/receive control register 0
(1)
____ ____
CTS/RTS select bit (bit 2)
____
____
By clearing this bit to “0” in order to select the CTS function, pins P80 and P84 function as CTS input
pins, and the input signal of “L” level to these pins becomes one of the transmission conditions.
____
____
By setting this bit to “1” in order to select the RTS function, pins P80 and P84 become RTS output
____
pins. When the receive enable bit (bit 2 at addresses 3516, 3D16) is “0” (reception disabled), the RTS
output pin outputs “H” level.
The output level of this pin becomes “L” when the receive enable bit is set to “1.” It becomes “H”
when reception starts and it becomes “L” when reception is completed.
(2)
Transmit register empty flag (bit 3)
This flag is cleared to “0” when the UARTi transmit buffer register’s contents are transferred to the
UARTi transmit register. When transmission is completed and the UARTi transmit register becomes
empty, this flag is set to “1.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com