Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 174 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 174 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 170Page - Renesas Technology Corp 7702 Datasheet HTML 171Page - Renesas Technology Corp 7702 Datasheet HTML 172Page - Renesas Technology Corp 7702 Datasheet HTML 173Page - Renesas Technology Corp 7702 Datasheet HTML 174Page - Renesas Technology Corp 7702 Datasheet HTML 175Page - Renesas Technology Corp 7702 Datasheet HTML 176Page - Renesas Technology Corp 7702 Datasheet HTML 177Page - Renesas Technology Corp 7702 Datasheet HTML 178Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 217 page
background image
SERIAL I/O
7702/7703 Group User’s Manual
7–10
The UARTi transmit buffer register is used to set transmit data. Set the transmit data into the low-order
byte of this register when operating in the clock synchronous serial I/O mode or when a 7-bit or 8-bit length
of transfer data is selected in the UART mode. When a 9-bit length of transfer data is selected in the UART
mode, set the transmit data into the UARTi transmit buffer register as follows:
•Bit 8 of the transmit data into bit 0 of high-order byte of this register.
•Bits 7 to 0 of the transmit data into the low-order byte of this register.
The transmit data which is set in the UARTi transmit buffer register is transferred to the UARTi transmit
register when the transmission conditions are satisfied, and then it is output from the TxDi pin synchronously
with the transfer clock. The UARTi transmit buffer register becomes empty when the data which is set in
the UARTi transmit buffer register is transferred to the UARTi transmit register. Accordingly, the user can
set next transmit data.
When quitting the transmission which is in progress and setting the UARTi transmit buffer register again,
follow the procedure described bellow:
Œ Clear the serial I/O mode select bits (bits 2 to 0 at addresses 3016, 3816) to “0002” (Serial I/O disabled).
 Set the serial I/O mode select bits again.
Ž Set the transmit enable bit (bit 0 at addresses 3516, 3D16) to “1” (transmission enabled) and set transmit
data in the UARTi transmit buffer register.
7.2 Block description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com