Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 176 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 176 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 172Page - Renesas Technology Corp 7702 Datasheet HTML 173Page - Renesas Technology Corp 7702 Datasheet HTML 174Page - Renesas Technology Corp 7702 Datasheet HTML 175Page - Renesas Technology Corp 7702 Datasheet HTML 176Page - Renesas Technology Corp 7702 Datasheet HTML 177Page - Renesas Technology Corp 7702 Datasheet HTML 178Page - Renesas Technology Corp 7702 Datasheet HTML 179Page - Renesas Technology Corp 7702 Datasheet HTML 180Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 217 page
background image
SERIAL I/O
7702/7703 Group User’s Manual
7–12
The UARTi receive register is used to convert serial data which is input to the RxDi pin into parallel data.
This register takes in the input signal to the RxDi pin synchronously with the transfer clock, one bit at a
time.
The UARTi receive buffer register is used to read out receive data. When reception is completed, receive
data which is taken in the UARTi receive register is automatically transferred to the UARTi receive buffer
register. The contents of UARTi receive buffer register is updated when the next data is ready before
reading out the data which has been transferred to the UARTi receive buffer register (i.e., an overrun error
occurs).
The UARTi receive buffer register is initialized by setting the receive enable bit (bit 2 at addresses 3516,
3D16) to “1” after clearing it to “0.”
Figure 7.2.9 shows the contents of UARTi receive buffer register when reception is completed.
7.2 Block description
Fig. 7.2.9 Contents of UARTi receive buffer register when reception is completed
b7
b0
b7
b0
0
000000
0
000000
0
000000
Receive data (9 bits)
Receive data (8 bits)
Receive data (7 bits)
In UART mode
(Transfer data length : 9 bits)
In clock synchronous
serial I/O mode
In UART mode
(Transfer data length : 8 bits)
In UART mode
(Transfer data length : 7 bits)
Same value as bit
7 in low-order byte
Same value as bit
6 in low-order byte
High-order byte
(addresses 3716, 3F16)
Low-order byte
(addresses 3616, 3E16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com