Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 178 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 178 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 174Page - Renesas Technology Corp 7702 Datasheet HTML 175Page - Renesas Technology Corp 7702 Datasheet HTML 176Page - Renesas Technology Corp 7702 Datasheet HTML 177Page - Renesas Technology Corp 7702 Datasheet HTML 178Page - Renesas Technology Corp 7702 Datasheet HTML 179Page - Renesas Technology Corp 7702 Datasheet HTML 180Page - Renesas Technology Corp 7702 Datasheet HTML 181Page - Renesas Technology Corp 7702 Datasheet HTML 182Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 217 page
background image
SERIAL I/O
7702/7703 Group User’s Manual
7–14
7.2.7 UARTi transmit interrupt control and UARTi receive interrupt control registers
When using UARTi, 2 types of interrupts, which are UARTi transmit and UARTi receive interrupts, can be
used. Each interrupt has its corresponding interrupt control register. Figure 7.2.12 shows the structure of
UARTi transmit interrupt control and UARTi receive interrupt control registers.
7.2 Block description
b7
b6
b5
b4
b3
b2
b1
b0
UART0 transmit interrupt control register (Address 7116)
UART0 receive interrupt control register (Address 7216)
UART1 transmit interrupt control register (Address 7316)
UART1 receive interrupt control register (Address 7416)
Bit
7 to 4
Interrupt request bit
2
1
0
Bit name
At reset
0
RW
Functions
0 0 0 : Level 0 (Interrupt disabled)
0 0 1 : Level 1
Low level
0 1 0 : Level 2
0 1 1 : Level 3
1 0 0 : Level 4
1 0 1 : Level 5
1 1 0 : Level 6
1 1 1 : Level 7
High level
b2 b1 b0
0 : No interrupt request
1 : Interrupt request
Interrupt priority level select bits
3
RW
RW
RW
RW
–
Undefined
0
0
0
Nothing is allocated.
Note: Use the SEB or CLB instruction to set each interrupt control registers.
For details about interrupts, refer to “Chapter 4. INTERRUPTS.”
Fig. 7.2.12 Structure of UARTi transmit interrupt control and UARTi receive interrupt control registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com