Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 182 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 182 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 178Page - Renesas Technology Corp 7702 Datasheet HTML 179Page - Renesas Technology Corp 7702 Datasheet HTML 180Page - Renesas Technology Corp 7702 Datasheet HTML 181Page - Renesas Technology Corp 7702 Datasheet HTML 182Page - Renesas Technology Corp 7702 Datasheet HTML 183Page - Renesas Technology Corp 7702 Datasheet HTML 184Page - Renesas Technology Corp 7702 Datasheet HTML 185Page - Renesas Technology Corp 7702 Datasheet HTML 186Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 217 page
background image
SERIAL I/O
7702/7703 Group User’s Manual
7–18
7.3 Clock synchronous serial I/O mode
7.3.1 Transfer clock (synchronizing clock)
Data transfer is performed synchronously with the transfer clock. For the transfer clock, the user can select
whether to generate the transfer clock internally or to input it from an external.
The transfer clock is generated by operation of the transmit control circuit. Accordingly, even when performing
only reception, set the transmit enable bit to “1,” and set dummy data in the UARTi transmit buffer register
in order to make the transmit control circuit active.
(1)
Generating transfer clock internally
The count source selected with the BRG count source select bits is divided by the BRGi, and its
BRGi output is further divided by 2. This is the transfer clock. The transfer clock is output from the
CLKi pin.
[Setting relevant registers]
•Select an internal clock (bit 3 at addresses 3016, 3816 = “0”).
•Select the BRGi’s count source (bits 0 and 1 at addresses 3416, 3C16)
•Set “divide value – 1” to the BRGi (addresses 3116, 3916).
Transfer clock frequency =
•Enable transmission (bit 0 at addresses 3516, 3D16 = “1”).
•Set data to the UARTi transmit buffer register (addresses 3216, 3A16)
[Pin’s state]
•A transfer clock is output from the CLKi pin.
•Serial data is output from the TxDi pin. (Dummy data is output when performing only reception.)
(2)
Inputting transfer clock from an external
A clock input from the CLKi pin is the transfer clock.
[Setting relevant registers]
•Select an external clock (bit 3 at addresses 3016, 3816 = “1”).
•Enable transmission (bit 0 at addresses 3516, 3D16 = “1”).
•Set data to the UARTi transmit buffer register (addresses 3216, 3A16).
[Pin’s state]
•A transfer clock is input from the CLKi pin.
•Serial data is output from the TxDi pin. (Dummy data is output when performing only reception.)
n: Setting value to BRGi
fi: Frequency of BRGi’s count source (f2, f16, f64, f512)
fi
2 (n+1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com