Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 180 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 180 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 176Page - Renesas Technology Corp 7702 Datasheet HTML 177Page - Renesas Technology Corp 7702 Datasheet HTML 178Page - Renesas Technology Corp 7702 Datasheet HTML 179Page - Renesas Technology Corp 7702 Datasheet HTML 180Page - Renesas Technology Corp 7702 Datasheet HTML 181Page - Renesas Technology Corp 7702 Datasheet HTML 182Page - Renesas Technology Corp 7702 Datasheet HTML 183Page - Renesas Technology Corp 7702 Datasheet HTML 184Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 217 page
background image
SERIAL I/O
7702/7703 Group User’s Manual
7–16
7.2 Block description
7.2.8 Port P8 direction register
I/O pins of UARTi are shared with port P8. When using pins P82 and P86 as serial data input pins (RxDi),
set the corresponding bits of the port P8 direction register to “0” to set these pins for the input mode. When
____ ____
using pins P80, P81, P83 to P85 and P87 as I/O pins (CTSi/RTSi, CLKi, TxDi) of UARTi, these pins are forcibly
set as I/O pins of UARTi regardless of port P8 direction register’s contents. Figure 7.2.13 shows the
relationship between the port P8 direction register and UARTi’s I/O pins.
Fig. 7.2.13 Relationship between port P8 direction register and UARTi’s I/O pins
Bit
Corresponding pin
Functions
0
1
2
3
4
5
6
7
CTS0
/RTS0 pin
RxD0 pin
TxD0 pin
CTS1
/RTS1 pin
RxD1 pin
0 : Input mode
1 : Output mode
When using pins P82 and P86 as
serial data input pins (RxD0, RxD1),
set the corresponding bits to “0.”
CLK1 pin
Port P8 direction register (Address 1416)
b1
b0
b2
b3
b4
b5
b6
b7
CLK0 pin
TxD1 pin
At reset
RW
0
0
0
0
0
0
0
0
RW
RW
RW
RW
RW
RW
RW
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com