Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 183 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 183 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 179Page - Renesas Technology Corp 7702 Datasheet HTML 180Page - Renesas Technology Corp 7702 Datasheet HTML 181Page - Renesas Technology Corp 7702 Datasheet HTML 182Page - Renesas Technology Corp 7702 Datasheet HTML 183Page - Renesas Technology Corp 7702 Datasheet HTML 184Page - Renesas Technology Corp 7702 Datasheet HTML 185Page - Renesas Technology Corp 7702 Datasheet HTML 186Page - Renesas Technology Corp 7702 Datasheet HTML 187Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 217 page
background image
SERIAL I/O
7702/7703 Group User’s Manual
7–19
7.3 Clock synchronous serial I/O mode
7.3.2 Method of transmission
Figures 7.3.1 shows an initial setting example for relevant registers when transmitting. Transmission is
started when all of the following conditions (Œ to Ž) are satisfied. When an external clock is selected,
satisfy conditions Œ to Ž with the following precondition satisfied.
<Precondition>
The CLKi pin’s input is “H” level (external clock selected).
Note: When an internal clock is selected, above precondition is ignored.
<Transmission conditions>
Œ Transmission is enabled (transmit enable bit = “1”).
 Transmit data is present in the UARTi transmit buffer register (transmit buffer empty flag = “0”)
____
____
Ž CTSi pin’s input is “L” level (when CTS function selected).
____
Note: When the CTS function is not selected, this condition is ignored.
When using interrupts, it is necessary to set the relevant register to enable interrupts. For details, refer to
“Chapter 4. INTERRUPTS.”
Figure 7.3.2 shows writing data after start of transmission, and Figure 7.3.3 shows detection of transmission’s
completion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com