Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 187 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 187 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 183Page - Renesas Technology Corp 7702 Datasheet HTML 184Page - Renesas Technology Corp 7702 Datasheet HTML 185Page - Renesas Technology Corp 7702 Datasheet HTML 186Page - Renesas Technology Corp 7702 Datasheet HTML 187Page - Renesas Technology Corp 7702 Datasheet HTML 188Page - Renesas Technology Corp 7702 Datasheet HTML 189Page - Renesas Technology Corp 7702 Datasheet HTML 190Page - Renesas Technology Corp 7702 Datasheet HTML 191Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 217 page
background image
SERIAL I/O
7702/7703 Group User’s Manual
7–23
7.3 Clock synchronous serial I/O mode
7.3.3 Transmit operation
When the transmit conditions described in page 7-19 are satisfied, the following operations are automatically
performed simultaneously.
•The UARTi transmit buffer register’s contents are transferred to the UARTi transmit register.
•8 transfer clocks are generated (when an internal clock is selected).
•The transmit buffer empty flag is set to “1.”
•The transmit register empty flag is cleared to “0.”
•The UARTi transmit interrupt request occurs, and the interrupt request bit is set to “1.”
The transmit operations are described below.
Œ Data in the UARTi transmit register is transmitted from the TxDi pin synchronously with the falling of the
transfer clock.
 This data is transmitted bit by bit sequentially beginning with the least significant bit.
Ž When 1-byte data has been transmitted, the transmit register empty flag is set to “1,” indicating completion
of the transmission.
Figure 7.3.4 shows the transmit operation.
In the case of an internal clock is selected, when the transmit conditions for the next data are satisfied at
completion of the transmission, the transfer clock is generated continuously. Accordingly, when performing
transmission continuously, set the next transmit data to the UARTi transmit buffer register during transmission
(when the transmit register empty flag = “0”). When the transmit conditions for the next data are not
satisfied, the transfer clock stops at “H” level.
Figures 7.3.5 shows an example of transmit timing (when selecting an internal clock).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com