Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 191 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 191 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 187Page - Renesas Technology Corp 7702 Datasheet HTML 188Page - Renesas Technology Corp 7702 Datasheet HTML 189Page - Renesas Technology Corp 7702 Datasheet HTML 190Page - Renesas Technology Corp 7702 Datasheet HTML 191Page - Renesas Technology Corp 7702 Datasheet HTML 192Page - Renesas Technology Corp 7702 Datasheet HTML 193Page - Renesas Technology Corp 7702 Datasheet HTML 194Page - Renesas Technology Corp 7702 Datasheet HTML 195Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 217 page
background image
SERIAL I/O
7702/7703 Group User’s Manual
7–27
7.3 Clock synchronous serial I/O mode
Fig. 7.3.7 Initial setting example for relevant registers when receiving (2)
Port P8 direction register (Address 1416)
b7
b0
0
RXD0 pin
0
RXD1 pin
From preceding Figure 7.3.6
UART0 receive interrupt control register (Address 7216)
UART1 receive interrupt control register (Address 7416)
b7
b0
Interrupt priority level select bits
When using interrupts, set these bits to level 1–7.
When disabling interrupts, set these bits to level 0.
UART0 transmit buffer register (Address 3216)
UART1 transmit buffer register (Address 3A16)
b7
b0
Set dummy data here.
UART0 transmit/receive control register 1 (Address 3516)
UART1 transmit/receive control register 1 (Address 3D16)
b7
b0
Transmit enable bit
1 : Transmission enabled
1
1
Receive enable bit
1 : Reception enabled
Reception starts.
Note: When selecting the internal clock, set this register with
either of the following setting.
•Set the receive enable bit and the transmit enable
bit to “1” simultaneously.
•Set the receive enable bit to “1” and next the
transmit enable bit to “1.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com