Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 188 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 188 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 184Page - Renesas Technology Corp 7702 Datasheet HTML 185Page - Renesas Technology Corp 7702 Datasheet HTML 186Page - Renesas Technology Corp 7702 Datasheet HTML 187Page - Renesas Technology Corp 7702 Datasheet HTML 188Page - Renesas Technology Corp 7702 Datasheet HTML 189Page - Renesas Technology Corp 7702 Datasheet HTML 190Page - Renesas Technology Corp 7702 Datasheet HTML 191Page - Renesas Technology Corp 7702 Datasheet HTML 192Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 217 page
background image
SERIAL I/O
7702/7703 Group User’s Manual
7–24
7.3 Clock synchronous serial I/O mode
Fig. 7.3.4 Transmit operation
Transfer clock
UARTi transmit buffer register
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D7
D6
D5
D4
D3
D2
D7
D6
D5
D4
D3
Transmit data
MSB
b7
b0
D0
D1
D2
D7
LSB
UARTi transmit register
D0 D1 D2 D3 D4 D5 D6 D7
D0 D1 D2 D3 D4 D5 D6 D7
D0 D1 D2 D3
D4 D5 D6
D7
Tc
TCLK
CTSi
CLKi
TENDi
TxDi
“H”
“L”
“0”
“1”
“0”
“1”
“0”
“1”
“0”
“1”
TENDi: Next transmit conditions are examined when this signal level is “H.”
(TENDi is an internal signal. Accordingly, it cannot be read from an external.)
Tc = TCLK = 2(n+1) /fi
fi: BRGi count source frequency (f2, f16, f64, f512)
n: Value set to BRGi
Transfer clock
Transmit enable bit
Transmit buffer
empty flag
Transmit register
empty flag
UARTi transmit
interrupt request bit
Data is set in UARTi transmit buffer register.
UARTi transmit register
UARTi transmit buffer register.
Stopped because CTSi = “H.”
Stopped because transmit enable bit = “0.”
Cleared to “0” when interrupt request is accepted or cleared by software.
The above timing diagram applies to
the following conditions:
q Internal clock selected
q CTS function selected.
Fig. 7.3.5 Example of transmit timing (when selecting internal clock)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com