Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 190 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 190 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 186Page - Renesas Technology Corp 7702 Datasheet HTML 187Page - Renesas Technology Corp 7702 Datasheet HTML 188Page - Renesas Technology Corp 7702 Datasheet HTML 189Page - Renesas Technology Corp 7702 Datasheet HTML 190Page - Renesas Technology Corp 7702 Datasheet HTML 191Page - Renesas Technology Corp 7702 Datasheet HTML 192Page - Renesas Technology Corp 7702 Datasheet HTML 193Page - Renesas Technology Corp 7702 Datasheet HTML 194Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 217 page
background image
SERIAL I/O
7702/7703 Group User’s Manual
7–26
7.3 Clock synchronous serial I/O mode
V Necessary only when an internal clock is selected.
UART0 baud rate register (BRG0) (Address 3116 )
UART1 baud rate register (BRG1) (Address 3916 )
b7
b0
Set to 0016 to FF16 .
1
0
0
0
UART0 transmit/receive mode register (Address 30 )
UART1 transmit/receive mode register (Address 38 )
b7
b0
Internal/External clock select bit
0: Internal clock
1: External clock
!: It may be “0” or “1.”
Clock synchronous serial I/O mode
Continued to Figure 7.3.7 on next page.
UART0 transmit/receive control register 0 (Address 34 )
UART1 transmit/receive control register 0 (Address 3C )
b7
b0
CTS
/ RTS select bit
0: CTS function selected
1: RTS function selected
16
16
16
16
!! !
BRG count source select bits
0 0 : f 2
0 1 : f 16
1 0 : f 64
1 1 : f 512
b1 b0
Fig. 7.3.6 Initial setting example for relevant registers when receiving (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com