Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 195 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 195 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 191Page - Renesas Technology Corp 7702 Datasheet HTML 192Page - Renesas Technology Corp 7702 Datasheet HTML 193Page - Renesas Technology Corp 7702 Datasheet HTML 194Page - Renesas Technology Corp 7702 Datasheet HTML 195Page - Renesas Technology Corp 7702 Datasheet HTML 196Page - Renesas Technology Corp 7702 Datasheet HTML 197Page - Renesas Technology Corp 7702 Datasheet HTML 198Page - Renesas Technology Corp 7702 Datasheet HTML 199Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 217 page
background image
SERIAL I/O
7702/7703 Group User’s Manual
7–31
7.3 Clock synchronous serial I/O mode
D0 D1 D2 D3 D4 D5 D6 D7
D0
D1 D2 D3
D4 D5
1/fEXT
RTSi
CLKi
RxDi
“H”
“L”
“0”
“1”
“0”
“1”
“0”
“1”
“0”
“1”
“0”
“1”
: When the CLKi pin’s input level is “H,” safisfy the
following cinditions:
q Transmit enable bit
→ “1”
q Receive enable bit
→ “1”
q Writing of dummy data to UARTi transmit
buffer register
Receive enable bit
Transmit enable bit
Transmit buffer
empty flag
Dummy data is set to UARTi transmit buffer register.
UARTi transmit register¨
← UARTi transmit buffer register
Received data taken in
UARTi receive register
→ UARTi receive buffer register
UARTi receive buffer register is read out.
Receive complete flag
UARTi receive
interrupt request bit
The above timing diagram applies to the following
setting conditions:
Cleared to “0” when interrupt request is accepted or
cleared by software.
q External clock selected.
q RTS function selected.
fEXT: Frequency of external clock
Fig. 7.3.11 Example of receive timing (when selecting external clock)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com