Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 196 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 196 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 192Page - Renesas Technology Corp 7702 Datasheet HTML 193Page - Renesas Technology Corp 7702 Datasheet HTML 194Page - Renesas Technology Corp 7702 Datasheet HTML 195Page - Renesas Technology Corp 7702 Datasheet HTML 196Page - Renesas Technology Corp 7702 Datasheet HTML 197Page - Renesas Technology Corp 7702 Datasheet HTML 198Page - Renesas Technology Corp 7702 Datasheet HTML 199Page - Renesas Technology Corp 7702 Datasheet HTML 200Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 217 page
background image
SERIAL I/O
7702/7703 Group User’s Manual
7–32
7.3.6 Process on detecting overrun error
In the clock synchronous serial I/O mode, an overrun error can be detected. (However it is impossible to
detect an overrun error as the case may be. Refer to 6 in “[
Precautions when operating in clock
synchronous serial I/O mode].”
An overrun error occurs when the next data is prepared in the UARTi receive register with the receive
complete flag = “1” (data is present in the UARTi receive buffer register) and that is transferred to the
receive buffer register, in other words, when the next data is prepared before reading out the contents of
the UARTi receive buffer register. When an overrun error occurs, the next receive data is written into the
UARTi receive buffer register, and the UARTi receive interrupt request bit is not changed.
An overrun error is detected when data is transferred from the UARTi receive register to the UARTi receive
buffer register and the overrun error flag is set to “1.” The overrun error flag is cleared to “0” by reading
out the low-order byte of the UARTi receive buffer register or clearing the receive enable bit to “0.”
When an overrun error occurs during reception, initialize the overrun error flag and the UARTi receive
buffer register before performing reception again. When it is necessary to perform retransmission owing to
an overrun error which occurs in the receiver side, set the UARTi transmit buffer register again before
starting transmission again.
The method of initializing the UARTi receive buffer register and that of setting the UARTi transmit buffer
register again are described below.
(1)
Method of initializing UARTi receive buffer register
Œ Clear the receive enable bit to “0” (reception disabled).
 Set the receive enable bit to “1” again (reception enabled).
(2)
Method of setting UARTi transmit buffer register again
Œ Clear the serial I/O mode select bits to “0002” (serial I/O ignored).
 Set the serial I/O mode select bits to “0012” again.
Ž Set the transmit enable bit to “1” (transmission enabled), and set the transmit data to the UARTi
transmit buffer register.
7.3 Clock synchronous serial I/O mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com