Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 199 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 199 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 195Page - Renesas Technology Corp 7702 Datasheet HTML 196Page - Renesas Technology Corp 7702 Datasheet HTML 197Page - Renesas Technology Corp 7702 Datasheet HTML 198Page - Renesas Technology Corp 7702 Datasheet HTML 199Page - Renesas Technology Corp 7702 Datasheet HTML 200Page - Renesas Technology Corp 7702 Datasheet HTML 201Page - Renesas Technology Corp 7702 Datasheet HTML 202Page - Renesas Technology Corp 7702 Datasheet HTML 203Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 217 page
background image
7702/7703 Group User’s Manual
7–35
SERIAL I/O
7.4 Clock asynchronous serial I/O (UART) mode
7.4 Clock asynchronous serial I/O (UART) mode
Table 7.4.1 lists the performance overview in the UART mode, and Table 7.4.2 lists the functions of
I/O pins in this mode.
Table 7.4.1 Performance overview in UART mode
Item
Transfer data
format
Transfer rate
Error detection
Start bit
Character bit (Transfer data)
Parity bit
Stop bit
When selecting internal clock
When selecting external clock
Functions
1 bit
7 bits, 8 bits, or 9 bits
0 bit or 1 bit (Odd or even can be selected.)
1 bit or 2 bits
Clock of BRGi output divided by 16
Maximum 312.5 kbps (f(XIN) = 25 MHz)
Maximum 250 kbps (f(XIN) = 16 MHz)
Maximum 125 kbps (f(XIN) = 8 MHz)
4 types (Overrun, Framing, Parity, and Summing)
Presence of error can be detected only by checking error sum flag.
Table 7.4.2 Functions of I/O pins in UART mode
Method of selection
Fixed
Port P8 direction register
U1’s corresponding bit = “0”
Internal/External clock select bit
U2 = “1”
____ ____
CTS/RTS select bitU3 = “0”
____ ____
CTS/RTS select bit = “1”
Pin name
TxDi (P83, P87)
RxDi (P82, P86)
CLKi (P81, P85)
___
___
CTSi/RTSi (P80, P84)
Functions
Serial data output
Serial data input
BRGi’s count source
input
____
CTS input
____
RTS output
Port P8 direction registerU1: Address 1416
Internal/External clock select bitU2: bit 3 at addresses 3016, 3816
____ ____
CTS/RTS select bit
U3: bit 2 at addresses 3416, 3C16
Notes 1: The TxDi pin outputs “H” level while not transmitting after selecting UARTi’s operating mode.
2: The RxDi pin can be used as a programmable I/O port when performing only transmission.
3: The CLKi pin can be used as a programmable I/O port when selecting internal clock.
___
___
___
4: The CTSi/RTSi pin can be used as a input port when performing only reception and not using RTS
___
function (when selecting CTS function).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com