Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 201 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 201 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 197Page - Renesas Technology Corp 7702 Datasheet HTML 198Page - Renesas Technology Corp 7702 Datasheet HTML 199Page - Renesas Technology Corp 7702 Datasheet HTML 200Page - Renesas Technology Corp 7702 Datasheet HTML 201Page - Renesas Technology Corp 7702 Datasheet HTML 202Page - Renesas Technology Corp 7702 Datasheet HTML 203Page - Renesas Technology Corp 7702 Datasheet HTML 204Page - Renesas Technology Corp 7702 Datasheet HTML 205Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 217 page
background image
7702/7703 Group User’s Manual
7–37
SERIAL I/O
7.4 Clock asynchronous serial I/O (UART) mode
Table 7.4.4 Setting examples of transfer rate (2)
Transfer
rate (bps)
150
300
600
1200
2400
4800
9600
19200
31250
BRGi setting
value : n
159 (9F16)
79 (4F16)
159 (9F16)
79 (4F16)
39 (2716)
159 (9F16)
79 (4F16)
39 (2716)
Actual time
(bps)
150.00
300.00
600.00
1200.00
2400.00
4800.00
9600.00
19200.00
BRGi count
source
f64
f64
f16
f16
f16
f2
f2
f2
f2
BRGi setting
value : n
162 (A216)
80 (5016)
162 (A216)
80 (5016)
40 (2816)
162 (A216)
80 (5016)
40 (2816)
24 (1816)
Actual time
(bps)
149.78
301.41
599.12
1205.63
2381.86
4792.94
9645.06
19054.88
31250.00
BRGi count
source
f64
f64
f16
f16
f16
f2
f2
f2
f(XIN) = 24.576 MHz
f(XIN) = 25 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com